Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751413 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1751413
Description  PCB terminal block - MKKDS 1/ 4-3,5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751413 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1751413 Datasheet HTML 1Page - PHOENIX CONTACT 1751413 Datasheet HTML 2Page - PHOENIX CONTACT 1751413 Datasheet HTML 3Page - PHOENIX CONTACT 1751413 Datasheet HTML 4Page - PHOENIX CONTACT 1751413 Datasheet HTML 5Page - PHOENIX CONTACT 1751413 Datasheet HTML 6Page - PHOENIX CONTACT 1751413 Datasheet HTML 7Page - PHOENIX CONTACT 1751413 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1751413
09/11/2020   Page 3 / 8
PCB terminal block - MKKDS 1/ 4-3,5 - 1751413
Technical data
Material data - housing
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Dimensions for the product
Length [ l ]
16.3 mm
Width [ w ]
16.25 mm
Height [ h ]
19.7 mm
Pitch
3.5 mm
Height (without solder pin)
16.2 mm
Solder pin [P]
3.5 mm
Pin spacing
11.4 mm
Pin dimensions
0.5 x 0.9 mm
Dimensions for PCB design
Hole diameter
1.1 mm
Pin spacing
11.4 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50
Denomination packing units
Pcs.
Electrical tests
Rated current
8 A
Conductor cross section
1 mm²
Rated voltage (III/2)
200 V
Rated surge voltage (III/2)
2.5 kV
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com