Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751697 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751697
Description  Printed-circuit board connector - ZEC 1,0/ 4-LPV-3,5GY35AUC2CI1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751697 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751697 Datasheet HTML 1Page - PHOENIX CONTACT 1751697 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1751697
11/04/2018   Page 1 / 2
Printed-circuit board connector - ZEC 1,0/ 4-LPV-3,5
GY35AUC2CI1 - 1751697
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 8 A, number of positions: 4, pitch: 3.5 mm, color: light gray, contact surface:
Gold, mounting: Direct plug-in method
The figure shows a 10-position
version of the product
Your advantages
 Gold-plated contacts ensure transfer quality remains stable over the long term
 Easy component connection
 Inexpensive direct plug-in connection with just one component
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356317580
Technical data
Dimensions
Pitch
3.5 mm
Dimension a
10.5 mm
Height
7 mm
General
Range of articles
ZEC 1,0/..-LPV
Rated voltage (III/3)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Color
light gray
Number of positions
4


Similar Part No. - 1751697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751600 PHOENIX-1751600 Datasheet
226Kb / 7P
Printed-circuit board connector - MSTBVA 2,5/ 6-G GY7035
1751604 PHOENIX-1751604 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-14
logo
List of Unclassifed Man...
1751610B1 ETC2-1751610B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
logo
PHOENIX CONTACT
1751620 PHOENIX-1751620 Datasheet
300Kb / 10P
FFKDSA1/V1-5,08-18 - PCB terminal block
1751626 PHOENIX-1751626 Datasheet
184Kb / 8P
Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035
More results

Similar Description - 1751697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751707 PHOENIX-1751707 Datasheet
41Kb / 2P
Printed-circuit board connector - ZEC 1,0/10-LPV-3,5 GY35AUC2CI1
1712458 PHOENIX-1712458 Datasheet
79Kb / 4P
Printed-circuit board connector - ZEC 1,0/ 4-ST-3,5 C1 R1,4 AU
1916588 PHOENIX-1916588 Datasheet
43Kb / 3P
Printed-circuit board connector - ZEC 1,0/ 4-ST-3,5 C3 R0,0
1893708 PHOENIX-1893708 Datasheet
114Kb / 6P
Printed-circuit board connector - ZEC 1,0/ 4-ST-3,5 C1 R1,4
1792384 PHOENIX-1792384 Datasheet
77Kb / 3P
Printed-circuit board connector - ZEC 1,0/12-LPV-3,5 C2
11/04/2018
1915673 PHOENIX-1915673 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 4-LPV-3,5 C1
09/12/2020
1915686 PHOENIX-1915686 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 5-LPV-3,5 C1
09/12/2020
1915699 PHOENIX-1915699 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 6-LPV-3,5 C1
09/12/2020
1915709 PHOENIX-1915709 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 7-LPV-3,5 C1
09/12/2020
1915754 PHOENIX-1915754 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/12-LPV-3,5 C1
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com