Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56P-DISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56P-DISCOVERY
Description  SPC560P-DISP: Discovery evaluation board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56P-DISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56P-DISCOVERY_V01 Datasheet HTML 1Page - STMicroelectronics SPC56P-DISCOVERY_V01 Datasheet HTML 2Page - STMicroelectronics SPC56P-DISCOVERY_V01 Datasheet HTML 3Page - STMicroelectronics SPC56P-DISCOVERY_V01 Datasheet HTML 4Page - STMicroelectronics SPC56P-DISCOVERY_V01 Datasheet HTML 5Page - STMicroelectronics SPC56P-DISCOVERY_V01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
August 2018
DB2227 Rev 3
1/6
SPC56P-Discovery
SPC560P-DISP: Discovery+ evaluation board
Data brief
Features
 SPC560P50L5 32-bit 64MHz e200z0h
CPU;32-bit Power Architecture® Technology
CPU, 576 KB Flash in an LQFP144 package.
 Shield Connectors (Arduino compatible).
 On-board USB-JTAG PLS debugger and HW
selection mode to use stand-alone JTAG
debuggers (2 x 7 male 100mil connector).
 Free 128 Kbyte code size limited debugging
 Board power supply: from the USB bus (5 V
supply voltage) or through external +12 V PSU.
 All GPIOs and DSPI/USB signals accessible by
a 4x37 100mil pin grid array allowing
connection of an additional boards for
dedicated applications.
 CAN, K-LINE, LIN, FlexRay interfaces.
 Main power switch.
 Reset push button.
 2 potentiometers for ADC evaluation
 12 MHz crystal.
 Board size 152 x 103 mm
Description
The SPC560P-DISP Discovery+ kit helps to
discover SPC560 P line Power Architecture
Microcontrollers with full access to CPUs, GPI/O's
and peripherals such as CAN, JTAG, K-Line, LIN
at budget price.
Dedicated connectors allow plugging Arduino
shields (Arduino-compatible).
Free ready-to-run application firmware examples
are available inside SPC5Studio
(www.st.com/spc5studio) to support quick
evaluation and development.
SPC5Studio includes visual configurable code
generation engine, board support package (BSP),
start-up routines, interrupt services, free RTOS
(optional) and a full set of low level drivers.
SPC5Studio includes HighTec GNU "C" compiler,
with a 30-days full free trial support. SPC5Studio
is available for free download.
The SPC560 P line is designed to address cost
sensitive chassis, airbag, electrical hydraulic
power steering (EHPS), electric power steering
(EPS), and electrical motor control applications.
An E2E Community is available on ST WEB.
Table 1. Device summary
Order code
Reference
SPC560P-DISP
SPC56P DISCOVERY+
with SPC560P50L5
www.st.com


Similar Part No. - SPC56P-DISCOVERY_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
Reset push button
19-Mar-2014
More results

Similar Description - SPC56P-DISCOVERY_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
245Kb / 4P
SPC560B-DIS Discovery evaluation board
July 2015 Rev 3
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY_V01 Datasheet
132Kb / 4P
SPC56EL70L5DISP: Discovery evaluation board
01-Aug-2018
SPC58NG-DISP STMICROELECTRONICS-SPC58NG-DISP Datasheet
327Kb / 5P
SPC58NG-DISP Discovery evaluation board
04-Jul-2019
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
SPC584B-DIS Discovery Board
15-Apr-2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
SPC584B-DISP Discovery Board
02-Mar-2020
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
SPC570S-DISP Discovery evaluation board
05-Apr-2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com