Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2940A Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2940A
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2940A Datasheet(HTML) 1 Page - Microchip Technology

  MIC2940A Datasheet HTML 1Page - Microchip Technology MIC2940A Datasheet HTML 2Page - Microchip Technology MIC2940A Datasheet HTML 3Page - Microchip Technology MIC2940A Datasheet HTML 4Page - Microchip Technology MIC2940A Datasheet HTML 5Page - Microchip Technology MIC2940A Datasheet HTML 6Page - Microchip Technology MIC2940A Datasheet HTML 7Page - Microchip Technology MIC2940A Datasheet HTML 8Page - Microchip Technology MIC2940A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006000B-page 1
MIC2940A/41A
Features
• High Output Voltage Accuracy
• Guaranteed 1.25A Output
• Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Input Can Withstand –20V Reverse Battery and
+60V Positive Transients
• Logic-Controlled Electronic Shutdown
• Output Programmable from 1.24V to 26V
(MIC2941A)
• Available in TO-220-3, TO-263-3, TO-220-5, and
TO-263-5 Packages
Applications
• Battery-Powered Equipment
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• PCMCIA VCC and VPP Regulation/Switching
• Barcode Scanners
• Automotive Electronics
• SMPS Post-Regulator/DC-to-DC Modules
• Voltage Reference
• High Efficiency Linear Power Supplies
General Description
The MIC2940A and MIC2941A are “bulletproof”
efficient voltage regulators with very low dropout
voltage (typically 40 mV at light loads and 350 mV at
1A), and low quiescent current (240 μA typical). The
quiescent current of the MIC2940A increases only
slightly in dropout, thus prolonging battery life. Key
MIC2940A features include protection against
reversed battery, fold-back current-limiting, and
automotive “load dump” protection (60V positive
transient).
The MIC2940A is available in both fixed voltage (3.3V,
5V, and 12V) and adjustable voltage configurations.
The MIC2940A-xx devices are three pin, fixed-voltage
regulators. A logic-compatible shutdown input is
provided on the adjustable MIC2941A, which enables
the regulator to be switched on and off.
Package Types
MIC2940A-X.XWT
TO-220-3 (T)
(Top View)
12
3
12
3
MIC2940A-X.XWU
TO-263-3 (U)
(Top View)
12
3
4
5
MIC2941AWU
TO-263-5 (U)
(Top View)
12 3 4
5
MIC2941AWT
TO-220-5 (T)
(Top View)
1.25A Low Dropout Voltage Regulator


Similar Part No. - MIC2940A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC2940A MICREL-MIC2940A Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
MIC2940A-12BT MICREL-MIC2940A-12BT Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC2940A-12BT MICREL-MIC2940A-12BT Datasheet
329Kb / 11P
1.2A Low-Dropout Voltage Regulator
MIC2940A-12BU MICREL-MIC2940A-12BU Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
More results

Similar Description - MIC2940A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
logo
List of Unclassifed Man...
LM3940 ETC-LM3940 Datasheet
145Kb / 3P
1.25A High Current Low Dropout
LM2940 ETC-LM2940 Datasheet
196Kb / 5P
1.25A High Current Low Dropout
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com