Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4826 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4826
Description  Low Input Voltage, 160 VPP Output Voltage, EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4826 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4826 Datasheet HTML 8Page - Microchip Technology MIC4826 Datasheet HTML 9Page - Microchip Technology MIC4826 Datasheet HTML 10Page - Microchip Technology MIC4826 Datasheet HTML 11Page - Microchip Technology MIC4826 Datasheet HTML 12Page - Microchip Technology MIC4826 Datasheet HTML 13Page - Microchip Technology MIC4826 Datasheet HTML 14Page - Microchip Technology MIC4826 Datasheet HTML 15Page - Microchip Technology MIC4826 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MIC4826
DS20006134B-page 12
2019 -2022 Microchip Technology Inc.
FIGURE 5-3:
100 Hz EL Driver for 2in2
Lamp.
FIGURE 5-4:
Typical Characteristics for
EL Driver for 2in2 Lamp with CS = 0.1 µF.
FIGURE 5-5:
EL Driver for 2in2 Lamp with
560 µF.
FIGURE 5-6:
Typical Characteristics for
EL Driver for 2in2 Lamp with 560 µH Inductor.
R1
332k
R2
3.32M
VIN
2.5V to 5.5V
COUT
0.1mF/100V
GRM42-2X7R104K100
D1
Diodes
BAV20WS
L1
220mH
Murata
LQH4C221K04
EL LAMP
LSI
X533-13
15
6
7
8
2
3
4
SW
CS
VB
VA
VDD
RSW
REL
GND
MIC4826
C2
10mF/6.3V
Murata
GRM42-6X5R106K6.3
VIN
IIN
VA-VB
FEL
Lamp Size
3.3V
14 mA
160VPP
100 Hz
2in2
TIME (2ms/div)
R1
332k
R2
3.32M
VIN
3.3V to 5.5V
COUT
0.01mF/100V
GRM40X7R103K100
D1
Diodes
BAV20WS
L1
560mH
Murata
LQ32CN561K21
EL LAMP
LSI
X533-13
15
6
7
8
2
3
4
SW
CS
VB
VA
VDD
RSW
REL
GND
MIC4826
C2
10mF/6.3V
Murata
GRM42-6X5R106K6.3
VIN
IIN
VA-VB
FEL
Lamp Size
3.3V
13.2 mA
160VPP
100 Hz
2in2
TIME (2ms/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com