Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2941AWT Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2941AWT Datasheet HTML 6Page - Microchip Technology MIC2941AWT Datasheet HTML 7Page - Microchip Technology MIC2941AWT Datasheet HTML 8Page - Microchip Technology MIC2941AWT Datasheet HTML 9Page - Microchip Technology MIC2941AWT Datasheet HTML 10Page - Microchip Technology MIC2941AWT Datasheet HTML 11Page - Microchip Technology MIC2941AWT Datasheet HTML 12Page - Microchip Technology MIC2941AWT Datasheet HTML 13Page - Microchip Technology MIC2941AWT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC2940A/41A
DS20006000B-page 10
2018 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-13:
MIC2941A Shutdown
Current vs. Temperature.
FIGURE 2-14:
Load Transient.
FIGURE 2-15:
Load Transient.
FIGURE 2-16:
MIC2941A Adjust Pin
Current vs. Temperature.
FIGURE 2-17:
Line Transient.
FIGURE 2-18:
Line Transient.
0
25
50
75
100
125
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
V
EN =5V
V
EN =2V
-500
-250
0
250
500
750
-0.5
0.0
0.5
1.0
1.5
2.0
-5
05
10
TIME (ms)
C
OUT =10 μF
5mA
-200
-100
0
100
200
-0.5
0.0
0.5
1.0
1.5
2.0
-5
05
10
TIME (ms)
C
OUT = 100 μF
5mA
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
I
LOAD =5mA
-40
-20
0
20
40
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
C
OUT =10 μF
-10
0
10
20
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
C
OUT =100 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com