Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFI15NM65N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STFI15NM65N
Description  N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFETs in TO-220FP and I²PAKFP packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15NM65N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STFI15NM65N Datasheet HTML 2Page - STMicroelectronics STFI15NM65N Datasheet HTML 3Page - STMicroelectronics STFI15NM65N Datasheet HTML 4Page - STMicroelectronics STFI15NM65N Datasheet HTML 5Page - STMicroelectronics STFI15NM65N Datasheet HTML 6Page - STMicroelectronics STFI15NM65N Datasheet HTML 7Page - STMicroelectronics STFI15NM65N Datasheet HTML 8Page - STMicroelectronics STFI15NM65N Datasheet HTML 9Page - STMicroelectronics STFI15NM65N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STF15NM65N, STFI15NM65N
6/15
DocID13853 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM10307v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Static drain-source on-resistance
Figure 7. Gate charge vs gate-source voltage
ID
15
10
5
0
0
6
VDS(V)
10
(A)
2
8
12
20
25
5V
6V
VGS=10V
4
14 16 18 20 22
AM10308v1
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
10
20
25
VDS=19V
AM10309v1
RDS(on)
0.345
0.340
0.335
0.330
0
4
ID(A)
(
Ω)
2
6
0.350
0.355
0.360
0.365
VGS=10V
10
8
12
AM10311v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com