Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL45N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL45N60DM6
Description  N-channel 600 V, 0.094 Ω typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL45N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STL45N60DM6 Datasheet HTML 1Page - STMicroelectronics STL45N60DM6 Datasheet HTML 2Page - STMicroelectronics STL45N60DM6 Datasheet HTML 3Page - STMicroelectronics STL45N60DM6 Datasheet HTML 4Page - STMicroelectronics STL45N60DM6 Datasheet HTML 5Page - STMicroelectronics STL45N60DM6 Datasheet HTML 6Page - STMicroelectronics STL45N60DM6 Datasheet HTML 7Page - STMicroelectronics STL45N60DM6 Datasheet HTML 8Page - STMicroelectronics STL45N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG101220180929SOA
102
101
100
10-1
10-2
10-3
10-1
100
101
102
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
tp=1 µs
TJ ≤ 150 °C,
TC = 25 °C,
single pulse
Operation in this area
is limited by RDS(on)
Figure 2. Thermal impedance
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
K
tp (s)
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
δ = 0.02
δ = 0.01
Single pulse
Zth PowerFLAT 8x8 HV
Figure 3. Output characteristics
GADG200720171438OCH
80
60
40
20
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS = 9, 10 V
VGS = 8 V
VGS = 7 V
VGS = 6 V
VGS = 5 V
Figure 4. Transfer characteristics
GADG200720171438TCH
80
60
40
20
0
4
5
6
7
8
ID
(A)
VGS (V)
VDS = 18 V
Figure 5. Gate charge vs gate-source voltage
GADG200720171438QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
8
16
24
32
40
48
VGS
(V)
VDS
(V)
Qg (nC)
VDS
VDD = 480 V
ID = 30 A
Figure 6. Static drain-source on-resistance
GADG220120190924RID
0.112
0.106
0.100
0.094
0.088
0.082
0.076
0
5
10
15
20
25
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STL45N60DM6
Electrical characteristics (curves)
DS11670 - Rev 5
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com