Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6213 Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 104Page - STMicroelectronics STM8AF6213 Datasheet HTML 105Page - STMicroelectronics STM8AF6213 Datasheet HTML 106Page - STMicroelectronics STM8AF6213 Datasheet HTML 107Page - STMicroelectronics STM8AF6213 Datasheet HTML 108Page - STMicroelectronics STM8AF6213 Datasheet HTML 109Page - STMicroelectronics STM8AF6213 Datasheet HTML 110Page - STMicroelectronics STM8AF6213 Datasheet HTML 111Page - STMicroelectronics STM8AF6213 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
DS9884 Rev 9
111/112
STM8AF6213/13A/23/23A/26
Revision history
111
28-Mar-2017
6
Updated Table 6: STM8AF6213/STM8AF6223
TSSOP20 pin description
Added VFQFPN32 (5x5 mm) package information
updating:
– Section : Features on the cover page: added
VFQFPN32 (5x5 mm) figure
– Added Section 11.2: LQFP32 package information:
– Updated Table 27: General operating conditions
– Updated Table 65: Thermal characteristics
– Updated Section 5.2: LQFP32/VFQPN32 pinout and
pin description
– Updated Section 12: Ordering information
Additional updates (not related to VFQFPN32):
– Table footnotes on Section 10: Electrical
characteristics
– Updated Section : Device marking for LQFP32 on
page 98, Section : Device marking for TSSOP20 on
page 95 and Section : Device marking for VFQFPN32
on page 102
– Section 10.2: Absolute maximum ratings
07-Dec-2017
7
Added:
– STMAF6213A RPN to the whole document
– Footnote (2) on Table 66:
STM8AF6213/13A/23/23A/26 ordering information
scheme
Updated:
– All document to add STMAF6213A reference where
applicable
– Table 1: STM8AF6213/13A/23/23A/26 features
– Titles of sections Device marking for LQFP32, Device
marking for TSSOP20 and Device marking for
VFQFPN32
19-Mar-2019
8
Added Section 9: Unique ID
Updated order of package figures on cover page and
order of subsections on Section 11: Package information
01-Apr-2020
9
Updated: Table 42: HSI oscillator characteristics
Table 67. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com