Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6213 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8AF6213 Datasheet HTML 25Page - STMicroelectronics STM8AF6213 Datasheet HTML 26Page - STMicroelectronics STM8AF6213 Datasheet HTML 27Page - STMicroelectronics STM8AF6213 Datasheet HTML 28Page - STMicroelectronics STM8AF6213 Datasheet HTML 29Page - STMicroelectronics STM8AF6213 Datasheet HTML 30Page - STMicroelectronics STM8AF6213 Datasheet HTML 31Page - STMicroelectronics STM8AF6213 Datasheet HTML 32Page - STMicroelectronics STM8AF6213 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
DS9884 Rev 9
29/112
STM8AF6213/13A/23/23A/26
Pinout and pin description
108
4
VSS
S
-
-
-
-
-
-
-
Digital ground
-
5
VCAP
S
-
-
-
-
-
-
-
1.8 V regulator capacitor
-
6
VDD
S
-
-
-
-
-
-
-
Digital power supply
-
7
PA3/
TIM5_CH3
[SPI_NSS]
[LINUART_TX]
I/O
X
X
X HS O3
X
X
Port A3
Timer 52
channel 3
SPI master/
slave select
[AFR1]/
LINUART
data transmit
[AFR1:0]
8
PF4
[LINUART_RX]
I/O
X
X
-
-
O1
X
X
Port F4
LINUART
data receive
[AFR1:0]
-
9
PB7
I/O
X
X
X
-
O1
X
X
Port B7
-
-
10
PB6
I/O
X
X
X
-
O1
X
X
Port B6
-
-
11
PB5/ I2C_SDA
[TIM1_BKIN]
I/O
X
-
X
-
O1 T(3)
-
Port B5
I2C data
Timer 1 -
break input
[AFR4]
12
PB4/ I2C_SCL
[ADC_ETR]
I/O
X
-X
-
O1 T(3)
-
Port B4
I2C clock
ADC
external
trigger
[AFR4]
13
PB3/
AIN3/TIM1_ET
R
I/O
X
X
X HS O3
X
X
Port B3
Analog input
3/ Timer 1
external
trigger
-
14
PB2/ AIN2/
TIM1_CH3N
I/O
X
X
X HS O3
X
X
Port B2
Analog input
2/ Timer 1 -
inverted
channel 3
-
15
PB1/ AIN1/
TIM1_CH2N
I/O
X
X
X HS O3
X
X
Port B1
Analog input
1/ Timer 1 -
inverted
channel 2
-
16
PB0/ AIN0/
TIM1_CH1N
I/O
X
X
X HS O3
X
X
Port B0
Analog input
0/ Timer 1 -
inverted
channel 1
-
Table 8. STM8AF6226 LQFP32/VFQPN32 pin description (continued)
Pin name
Type
Input
Output
Main
function
(after reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com