Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151X6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 18Page - STMicroelectronics STM8L151X6 Datasheet HTML 19Page - STMicroelectronics STM8L151X6 Datasheet HTML 20Page - STMicroelectronics STM8L151X6 Datasheet HTML 21Page - STMicroelectronics STM8L151X6 Datasheet HTML 22Page - STMicroelectronics STM8L151X6 Datasheet HTML 23Page - STMicroelectronics STM8L151X6 Datasheet HTML 24Page - STMicroelectronics STM8L151X6 Datasheet HTML 25Page - STMicroelectronics STM8L151X6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 147 page
background image
Functional overview
STM8L151x6/8 STM8L152x6/8
22/147
DS6948 Rev 11
3.12
System configuration controller and routing interface
The system configuration controller provides the capability to remap some alternate
functions on different I/O ports. TIM4 and ADC1 DMA channels can also be remapped.
The highly flexible routing interface allows application software to control the routing of
different I/Os to the TIM1 timer input captures. It also controls the routing of internal analog
signals to ADC1, COMP1, COMP2, DAC1 and the internal reference voltage VREFINT. It also
provides a set of registers for efficiently managing the charge transfer acquisition sequence
(see Section 3.13: Touch sensing).
3.13
Touch sensing
The high-density and medium+ density STM8L15xx6/8 devices provide a simple solution for
adding capacitive sensing functionality to any application. Capacitive sensing technology is
able to detect finger presence near an electrode which is protected from direct touch by a
dielectric (for example glass or plastic). The capacitive variation introduced by the finger (or
any conductive object) is measured using a proven implementation based on a surface
charge transfer acquisition principle. It consists of charging the electrode capacitance and
then transferring a part of the accumulated charges into a sampling capacitor until the
voltage across this capacitor has reached a specific threshold. In the high-density and
medium+ density STM8L15xx6/8 devices, the acquisition sequence is managed by software
and it involves analog I/O groups and the routing interface.
Reliable touch sensing solution can be quickly and easily implemented using the free STM8
touch sensing firmware library.
3.14
Timers
The high-density and medium+ density STM8L15xx6/8 devices contain one advanced
control timer (TIM1), three 16-bit general purpose timers (TIM2,TIM3 and TIM5) and one 8-
bit basic timer (TIM4).
All the timers can be served by DMA1.
Table 3 compares the features of the advanced control, general-purpose and basic timers.
Table 3. Timer feature comparison
Timer
Counter
resolution
Counter
type
Prescaler factor
DMA1
request
generation
Capture/compare
channels
Complementary
outputs
TIM1
16-bit
up/down
Any integer
from 1 to 65536
Yes
3 + 1
3
TIM2
Any power of 2
from 1 to 128
2
None
TIM3
TIM5
TIM4
8-bit
up
Any power of 2
from 1 to 32768
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More