Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S903K3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 23Page - STMicroelectronics STM8S903K3 Datasheet HTML 24Page - STMicroelectronics STM8S903K3 Datasheet HTML 25Page - STMicroelectronics STM8S903K3 Datasheet HTML 26Page - STMicroelectronics STM8S903K3 Datasheet HTML 27Page - STMicroelectronics STM8S903K3 Datasheet HTML 28Page - STMicroelectronics STM8S903K3 Datasheet HTML 29Page - STMicroelectronics STM8S903K3 Datasheet HTML 30Page - STMicroelectronics STM8S903K3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
DocID15590 Rev 12
27/124
STM8S903K3 STM8S903F3
Pinouts and pin descriptions
30
12
7
PA3/ TIM5_CH3
[SPI_NSS]
[UART1_TX]
I/O
X
X
X HS O3
X
X Port A3
Timer 5 channel
3
SPI master/
slave select
[AFR1] /UART1
data transmit
[AFR 1:0]
13
8
PF4
[UART1_RX]
I/O
X
X
-
-
O1
X
X Port F4
-
UART1 data
receive [AFR1:0]
14
9
PB7
I/O
X
X
X
-
O1
X
X
Port B7
--
15 10
PB6
I/O
X
X
X
-
O1
X
X Port B6
--
16 11
PB5/ I2C_SDA
[TIM1_BKIN]
I/O
X
-X
-
O1
T
(3)
-
Port B5
I2C data
Timer 1 - break
input [AFR4]
17 12
PB4/ I2C_SCL
[ADC_ETR]
I/O
X
-X
-
O1
T
-
Port B4
I2C clock
ADC external
trigger [AFR4]
18 13
PB3/
AIN3/TIM1_ETR I/O
X
X
X
HS O3
X
X
Port B3
Analog input 3/
Timer 1 external
trigger
-
19 14
PB2/ AIN2/
TIM1_CH3N
I/O
X
X
X
HS
O3
X
X Port B2
Analog input 2/
Timer 1 -
inverted channel
3
-
20 15
PB1/ AIN1/
TIM1_CH2N
I/O
X
X
X
HS O3
X
X Port B1
Analog input 1/
Timer 1 -
inverted channel
2
-
21 16
PB0/ AIN0/
TIM1_CH1N
I/O
X
X
X
HS O3
X
X Port B0
Analog input 0/
Timer 1 -
inverted channel
1
-
22 17
PE5/ SPI_NSS
[TIM1_CH1N]
I/O
X
X
X
HS O3
X
X Port E5
SPI master/slave
select
Timer 1 -
inverted channel
1 [AFR1:0]
23 18
PC1/
TIM1_CH1/
UART1_CK
[TIM1_CH2N]
I/O
X
X
X
HS O3
X
X Port C1
Timer 1 -
channel 1
UART1 clock
Timer 1 -
inverted channel
2 [AFR1:0]
Table 6. STM8S903K3 UFQFPN32/LQFP32/SDIP32 pin descriptions (continued)
Pin name
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com