Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS3150 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3150
Description  150 V, 3 A power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3150_V01 Datasheet HTML 1Page - STMicroelectronics STPS3150_V01 Datasheet HTML 2Page - STMicroelectronics STPS3150_V01 Datasheet HTML 3Page - STMicroelectronics STPS3150_V01 Datasheet HTML 4Page - STMicroelectronics STPS3150_V01 Datasheet HTML 5Page - STMicroelectronics STPS3150_V01 Datasheet HTML 6Page - STMicroelectronics STPS3150_V01 Datasheet HTML 7Page - STMicroelectronics STPS3150_V01 Datasheet HTML 8Page - STMicroelectronics STPS3150_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
PF(AV)(W)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(AV)(A)
= 0.05
= 0.2
= 0.1
= 0.
= 1
T
=tp/T
tp
Figure 2. Average forward current versus ambient
temperature (δ = 0.5)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
5 0
7 5
100
125
150
17 5
IF(AV)(A)
Rth(j-a)=Rth(j-l)
SMB-Flat
DO-201AD
SMB
Tamb (°C)
T
=tp/T
tp
δ
SMA-Flat Notch,
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)/Rth(j-a)
tp(s)
SMB
Single pulse
Figure 5. Relative variation of thermal impedance junction
to lead versus pulse duration (SMB flat)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Zth(j-l)/Rth(j-l)
SMBflat
tp(s)
Single pulse
Figure 6. Relative variation of thermal impedance junction
to ambient versus pulse duration (DO-201AD)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)/Rth(j-a)
tp(s)
DO-201AD
Single pulse
STPS3150
Characteristics (curves)
DS3283 - Rev 7
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com