Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS3150 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPS3150
Description  150 V, 3 A power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPS3150 Datasheet HTML 8Page - STMicroelectronics STPS3150 Datasheet HTML 9Page - STMicroelectronics STPS3150 Datasheet HTML 10Page - STMicroelectronics STPS3150 Datasheet HTML 11Page - STMicroelectronics STPS3150 Datasheet HTML 12Page - STMicroelectronics STPS3150 Datasheet HTML 13Page - STMicroelectronics STPS3150 Datasheet HTML 14Page - STMicroelectronics STPS3150 Datasheet HTML 15Page - STMicroelectronics STPS3150 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2.4
DO-201AD package information
Epoxy meets UL 94, V0
Figure 20. DO-201AD package outline
ØC
ØD
A
E
E
No te 2
No te 1
No te 1
B
B
Table 7. DO-201AD package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
9.50
-
0.374
B
25.40
-
1.000
-
C
-
5.30
-
0.209
D(1)
-
1.30
-
0.051
E
-
1.25
0.049
Note 2(2)
15.00
0.590
1. The lead diameter D is not controlled over zone E
2. The minimum length, which must stay straight between the right angles after bending, is 15 mm (0.59”)
STPS3150
DO-201AD package information
DS3283 - Rev 7
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com