Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH15RQ06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH15RQ06-Y
Description  tomotive turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15RQ06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH15RQ06-Y Datasheet HTML 1Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 2Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 3Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 4Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 5Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 6Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 7Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 8Page - STMicroelectronics STTH15RQ06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
K
A
TO-220AC
K
A
K
D²PAK HV
K
NC
A
DO-247
K
A
D²PAK
K
NC
A
K
A
Features
•
AEC-Q101 qualified
•
High junction temperature capability
•
Ultrafast with soft recovery behavior
•
Low reverse current
•
Low thermal resistance
•
Reduce switching and conduction losses
•
PPAP capable
•
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min. (with top
coating)
•
VRRM guaranteed from -40 °C to 175 °C
•
ECOPACK®2 compliant (DO-247, TO-220AC)
Applications
•
Output rectification
•
PFC
•
UPS
•
Air conditioning
•
Charging station
Description
The STTH15RQ06-Y has been developed to be used in application requiring a high-
voltage secondary rectification for LLC Full Bridge topology.
It is also suited for use in switching power supplies and automotive applications,
industrial applications, as rectification, freewheeling and clamping diode.
Product status link
STTH15RQ06-Y
Product summary
IF(AV)
15 A
VRRM
600 V
VF (max.)
1.45 V
trr (max.)
25 ns
Tj
-40 °C to 175 °C
Automotive turbo 2 ultrafast high voltage rectifier
STTH15RQ06-Y
Datasheet
DS12163 - Rev 2 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH15RQ06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH15RQ06 STMICROELECTRONICS-STTH15RQ06 Datasheet
565Kb / 17P
Turbo 2 ultrafast high voltage rectifier
November 2018
More results

Similar Description - STTH15RQ06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com