Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572L64E3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC572L64E3
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64E3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC572L64E3 Datasheet HTML 3Page - STMicroelectronics SPC572L64E3 Datasheet HTML 4Page - STMicroelectronics SPC572L64E3 Datasheet HTML 5Page - STMicroelectronics SPC572L64E3 Datasheet HTML 6Page - STMicroelectronics SPC572L64E3 Datasheet HTML 7Page - STMicroelectronics SPC572L64E3 Datasheet HTML 8Page - STMicroelectronics SPC572L64E3 Datasheet HTML 9Page - STMicroelectronics SPC572L64E3 Datasheet HTML 10Page - STMicroelectronics SPC572L64E3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
DocID027866 Rev 5
7/112
SPC572Lx
Introduction
111
1
Introduction
1.1
Document overview
This document provides electrical specifications, pin assignments, and package diagrams for
the SPC572Lx series of microcontroller units (MCUs). For functional characteristics, see the
device reference manual.
1.2
Description
This family of MCUs is targeted at automotive powertrain controller applications for four-
cylinder gasoline and diesel engines, chassis control applications, transmission control
applications, steering and braking applications, as well as low-end hybrid applications.
The family is designed to achieve ISO26262 ASIL-A compliance.
1.3
Device feature summary
Table 2. SPC572Lx device feature summary
Feature
Description
Process
55 nm
Main processor
Core
e200z2
Number of main cores
1
Single precision floating point
Yes
VLE
Yes
Main processor frequency
80 MHz
SMPU
Yes
Software watchdog timer (task SWT/safety SWT)
2 (1/1)
Core Nexus class
3
Sequence processing unit (SPU)
Yes
System SRAM
64 KB
Flash memory
1536 KB
Flash memory fetch accelerator
8
× 128 bit
Data flash memory (EEPROM)
2
× 16 KB
Flash memory overlay RAM
8 KB
DMA channels
16
LINFlexD (UART/MSC)
3 (2/1)
M_CAN/M_TTCAN
2/0
DSPI (SPI/MSC/sync SCI)
2 (1/1/0)
Microsecond bus downlink
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com