Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDMI413AE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3HDMI413AE
Description  4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI413AE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3HDMI413AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI413AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI413AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI413AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI413AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI413AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI413AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI413AE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8796
11/14/05
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
��
��
���
��
��
��
��
���
���
���
���
���
���
��
��
���
��
��
��
��
���
���
���
���
���
���
���
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
�
�
�
�
�
�
�
�
�
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
Block Diagram
PI3HDMI413
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant
Signal Switch based on TMDS Signaling Standard
Features
• 4-Differential Channel 3:1 Mux/DeMux
• TMDS Signaling
• Data Rate: 1.65Gbps
• Crosstalk: -30dB@1.65Gbps
• Switching speed: 4ns
• Isolation: -35dB@1.65Gbps
• ESD: Data bits @ 8kV HBM, select bit @ 2 kV HBM
• Near-Zero Prop Delay: 250ps max.
• Low bit-to-bit skew
• Hot insertion capable
• Enable/Disable Time: 9ns
• Bidirectional
• Packaging (Pb-free & Green):
64-pin TSSOP (A)
Description
Pericom Semiconductor’s PI3HDMI series of switch circuits are
targeted for high-resolution video networks that are based on DVI/
HDMI standards, and TMDS signal processing. The PI3HDMI413
is a 12- to 4-Differential Channel Mux/DeMux Switch. The device
multiplexes differential signals to one of three corresponding out-
puts. The switch is bidirectional and offers little or no attenuation
of the high-speed signals at the outputs. It is designed for low bit-
to-bit skew and high channel-to-channel noise isolation.
ThemaximumDVI/HDMIdatarateof1.65Gbpsprovidesthereso-
lution required by the next generation HDTV and PC graphics.
Because of its passive bidirectional feature, this switch can be
used either at the video drivers side or at the receiver side. For PC
graphics applications, the device sits at the drivers side to switch
between multiple display units such as PC LCD monitor, projector,
TV, etc. For consumer video applications, the device sits at the
receiver end to switch between the source components such as
DVD, D-VHS, STB, etc.
Pin Description
��
��
��
��
��
��
��
��
��
��
�������
�����
��
��
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���


Similar Part No. - PI3HDMI413AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI413-A PERICOM-PI3HDMI413-A Datasheet
781Kb / 11P
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI413-AAE PERICOM-PI3HDMI413-AAE Datasheet
781Kb / 11P
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI413-ABE PERICOM-PI3HDMI413-ABE Datasheet
781Kb / 11P
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
More results

Similar Description - PI3HDMI413AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412FT PERICOM-PI3HDMI412FT Datasheet
383Kb / 9P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch with Flow-through Pin Out
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI413-A PERICOM-PI3HDMI413-A Datasheet
781Kb / 11P
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com