Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC582B50E3 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPC582B50E3
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B50E3 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPC582B50E3 Datasheet HTML 30Page - STMicroelectronics SPC582B50E3 Datasheet HTML 31Page - STMicroelectronics SPC582B50E3 Datasheet HTML 32Page - STMicroelectronics SPC582B50E3 Datasheet HTML 33Page - STMicroelectronics SPC582B50E3 Datasheet HTML 34Page - STMicroelectronics SPC582B50E3 Datasheet HTML 35Page - STMicroelectronics SPC582B50E3 Datasheet HTML 36Page - STMicroelectronics SPC582B50E3 Datasheet HTML 37Page - STMicroelectronics SPC582B50E3 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 115 page
background image
Electrical characteristics
SPC582Bx
34/115
DS11597 Rev 4
IDYN_V
CC
D
Dynamic I/O current for VERY
STRONG configuration
CL =25 pF, VDD =5.0 V ±
10%
——
62
mA
CL =50 pF, VDD =5.0 V ±
10%
——
70
CL =25 pF, VDD =3.3 V ±
10%
——
52
CL =50 pF, VDD =3.3 V ±
10%
——
55
1. I/O current consumption specifications for the 4.5 V
≤ VDD_HV_IO ≤ 5.5 V range are valid for VSIO_[VSIO_xx] = 1, and
VSIO[VSIO_xx] = 0 for 3.0 V
≤ VDD_HV_IO ≤ 3.6 V.
2. Average consumption in one pad toggling cycle.
3. Stated maximum values represent peak consumption that lasts only a few ns during I/O transition. When possible (timed
output) it is recommended to delay transition between pads by few cycles to reduce noise and consumption.
Table 16. I/O consumption (continued)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com