Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58EHX Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC58EHX
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EHX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC58EHX Datasheet HTML 67Page - STMicroelectronics SPC58EHX Datasheet HTML 68Page - STMicroelectronics SPC58EHX Datasheet HTML 69Page - STMicroelectronics SPC58EHX Datasheet HTML 70Page - STMicroelectronics SPC58EHX Datasheet HTML 71Page - STMicroelectronics SPC58EHX Datasheet HTML 72Page - STMicroelectronics SPC58EHX Datasheet HTML 73Page - STMicroelectronics SPC58EHX Datasheet HTML 74Page - STMicroelectronics SPC58EHX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 147 page
background image
DS12304 Rev 5
71/147
SPC58EHx, SPC58NHx
Electrical characteristics
74
4.14.3
Voltage monitors
The monitors and their associated levels for the device are given in Table 36. Figure 12
illustrates the workings of voltage monitoring threshold.
Table 34. Clamp regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VCLAMP
CC P
Clamp regulator output voltage
After trimming, internal
regulator mode
1.17
1.21
1.32
V
CC P
After trimming, external
regulator mode
1.24
1.28
1.39
ΔIDDCLAMP CC T Clamp regulator current variation
20 µs observation
window
100
—
100
mA
ICLAMPINT CC D
Clamp regulator current
consumption
IMREG = 0 mA
—
—
0.7
mA
Table 35. Standby regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VSBY
CC P Standby regulator output voltage
After trimming,
maximum load
1.02
1.06
1.26
V
IDDSBY
CC T
Standby regulator current
provided to VDD_LV domain
——
—
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com