Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58NH84E5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC58NH84E5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH84E5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC58NH84E5 Datasheet HTML 5Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 6Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 7Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 8Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 9Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 10Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 11Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 12Page - STMicroelectronics SPC58NH84E5 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 147 page
background image
DS12304 Rev 5
9/147
SPC58EHx, SPC58NHx
Description
16
PLL
Dual PLL with FM
External Power Supplies
1.2 V - 3.3 V - 5 V
Integrated linear voltage regulator
Yes
Low Power Modes
Stop Mode
Halt Mode
Smart Standby with output controller, analog and digital inputs
Standby Mode
Table 2. Features list (continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com