Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC584B60E7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC584B60E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-B applications
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584B60E7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC584B60E7 Datasheet HTML 3Page - STMicroelectronics SPC584B60E7 Datasheet HTML 4Page - STMicroelectronics SPC584B60E7 Datasheet HTML 5Page - STMicroelectronics SPC584B60E7 Datasheet HTML 6Page - STMicroelectronics SPC584B60E7 Datasheet HTML 7Page - STMicroelectronics SPC584B60E7 Datasheet HTML 8Page - STMicroelectronics SPC584B60E7 Datasheet HTML 9Page - STMicroelectronics SPC584B60E7 Datasheet HTML 10Page - STMicroelectronics SPC584B60E7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
DS11701 Rev 4
7/142
SPC584Bx
Description
12
2
Description
The SPC584Bx microcontroller is a member of the family of devices superseding the
SPC560Bx family. SPC584Bx is built on the legacy of the SPC560Bx family, while
introducing new features coupled with higher throughput to provide substantial reduction of
cost per feature and significant power and performance improvement (MIPS per mW). On
the SPC584Bx device, there is one processor core e200z420 and one e200z0 core
embedded in the Hardware Security Module.
2.1
Device feature summary
Table 2 lists a summary of major features for the SPC584Bx device. The feature column
represents a combination of module names and capabilities of certain modules. A detailed
description of the functionality provided by each on-chip module is given later in this
document.
Table 2. Features list
Feature
Description
SPC58 family
40 nm
Number of Cores
1
Local RAM
64 KB Data
Single Precision Floating Point
Yes
SIMD
No
VLE
Yes
Cache
8 KB Instruction
4 KB Data
MPU
Core MPU: 24 per CPU
System MPU: 24 per XBAR
Semaphores
No
CRC Channels
2 x 4
Software Watchdog Timer (SWT)
2
Core Nexus Class
3+
Event Processor
4 x SCU
4 x PMC
Run control Module
Yes
System SRAM
128 KB (full standby RAM)
Flash
2048 KB code / 64 KB data
Flash fetch accelerator
2 x 4 x 256-bit
DMA channels
32
DMA Nexus Class
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com