Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV64KC Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 28Page - STMicroelectronics ST25DV64KC Datasheet HTML 29Page - STMicroelectronics ST25DV64KC Datasheet HTML 30Page - STMicroelectronics ST25DV64KC Datasheet HTML 31Page - STMicroelectronics ST25DV64KC Datasheet HTML 32Page - STMicroelectronics ST25DV64KC Datasheet HTML 33Page - STMicroelectronics ST25DV64KC Datasheet HTML 34Page - STMicroelectronics ST25DV64KC Datasheet HTML 35Page - STMicroelectronics ST25DV64KC Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 203 page
background image
5.3.1
I2C priority
When RF is in sleep mode or in off mode, RF commands are not interpreted, and RF cannot by busy. I2C is then
free to access the ST25DVxxKC exclusively.
Entering in RF sleep mode implies that I2C host writes into the RF_MNGT_Dyn register, which may not be
possible immediately if RF is busy.
In case I2C host needs to get exclusive and immediate access to the ST25DVxxKC, an immediate (or as soon as
possible) switch off (and on) of the RF interface is available.
A specific I2C “RFSwitchOff” command allows the I2C master to switch off RF immediately, or at the end of an RF
write in progress in EEPROM, even if an RF command is ongoing.
A specific I2C RFSwitchOn command allows the I2C master to switch on the RF immediately (RF returns to RF
mode defined by RF_MNGT_Dyn register).
Bit 5 of the I2C_CFG static register (I2C_RF_SWITCHOFF_EN) allows to enable or disable the RF switch off and
switch on from I2C.
The I2C “RFSwitchOff” command is defined as follow:
•
START condition, followed by the I2C “RFSwitchOff” salve address (1 Byte), followed by acknowledge bit
from the ST25DVxxKC, followed by STOP condition.
•
See Section 6.3 Device addressing for I2C RFSwitchOff slave address value explanation.
•
I2C “RFSwitchOff“ salve address is not acknowledged only if I2C_CFG register bit 5
(I2C_RF_SWITCHOFF_EN) is set to 0 and is always acknowledged otherwise (even if RF is busy).
Figure 15. I2C “RFSwitchOff” command
I2C DEVICE
CODE
ACK
R/W
E0
0 0
The I2C RFSwitchOn command is defined as follow:
•
START condition, followed by I2C “RFSwitchOn” salve address (1 Byte), followed by acknowledge bit from
ST25DVxxKC, followed by STOP condition.
•
See Section 6.3 Device addressing for I2C RFSwitchOn slave address value explanation.
•
I2C “RFSwitchOn” salve address is not acknowledged only if I2C_CFG register bit 5
(I2C_RF_SWITCHOFF_EN) is set to 0 and is always acknowledged otherwise (even if RF is busy).
Figure 16. I2C “RFSwitchOn” command
I2C DEVICE
CODE
ACK
R/W
E0
1 0
When ST25DVxxKC receives the I2C “RFSwitchOff” command outside of any RF command processing,
ST25DVxxKC is immediately setting the RF in off mode (see Section 5.2.2 RF management feature description).
If GPO interruption RF_OFF is enabled, a pulse is emitted on GPO pin after stop condition of the I2C
“RFSwitchOff” command.
When ST25DVxxKC receives the I2C “RFSwitchOff” command concurrently to an RF command, two possible
cases can happen:
ST25DV04KC ST25DV16KC ST25DV64KC
Interface arbitration
DS13519 - Rev 3
page 32/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com