Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT8316Z Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 4 Page - Texas Instruments

  MCT8316Z Datasheet HTML 1Page - Texas Instruments MCT8316Z Datasheet HTML 2Page - Texas Instruments MCT8316Z Datasheet HTML 3Page - Texas Instruments MCT8316Z Datasheet HTML 4Page - Texas Instruments MCT8316Z Datasheet HTML 5Page - Texas Instruments MCT8316Z Datasheet HTML 6Page - Texas Instruments MCT8316Z Datasheet HTML 7Page - Texas Instruments MCT8316Z Datasheet HTML 8Page - Texas Instruments MCT8316Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
6 Pin Configuration and Functions
HNA
HNC
HNB
Thermal Pad
8
7
6
5
4
3
2
1
AVDD
AGND
SW_BK
GND_BK
FB_BK
CPH
CPL
AGND
CP
NC
HPC
HPB
HPA
25
26
27
28
29
30
31
32
12
11
10
9
VM
VM
VM
PGND
NC
DRVOFF
nFAULT
nSLEEP
21
22
23
24
Figure 6-1. MCT8316ZR-Q1 40-Pin VQFN With
Exposed Thermal Pad Top View
HNA
HNC
HNB
Thermal Pad
8
7
6
5
4
3
2
1
AVDD
AGND
SW_BK
GND_BK
FB_BK
CPH
CPL
AGND
CP
NC
HPC
HPB
HPA
25
26
27
28
29
30
31
32
12
11
10
9
VM
VM
VM
PGND
VSEL_BK
DRVOFF
nFAULT
nSLEEP
21
22
23
24
Figure 6-2. MCT8316ZT-Q1 40-Pin VQFN With
Exposed Thermal Pad Top View
Table 6-1. Pin Functions
PIN
40-pin Package
TYPE(1)
DESCRIPTION
NAME
MCT8316ZR-
Q1
MCT8316ZT-Q1
ADVANCE
—
35
I
Advance angle level setting. This pin is a 7-level input pin set by an external
resistor.
AGND
2, 26
2, 26
GND
Device analog ground. Refer Layout Guidelines for connections
recommendation.
AVDD
25
25
PWR O
3.3-V internal regulator output. Connect an X5R or X7R, 1-µF, 6.3-V ceramic
capacitor between the AVDD and AGND pins. This regulator can source up to
30 mA externally.
BRAKE
38
38
I
High → Brake the motor when High by turning all low side MOSFETs ON
Low → normal operation
CP
8
8
PWR O
Charge pump output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor
between the CP and VM pins.
CPH
7
7
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, ceramic
capacitor between the CPH and CPL pins. TI recommends a capacitor voltage
rating at least twice the normal operating voltage of the device.
CPL
6
6
PWR
DIR
—
36
I
Direction pin for setting the direction of the motor rotation to clockwise or
counterclockwise.
DRVOFF
21
21
I
When this pin is pulled high the six MOSFETs in the power stage are turned
OFF making all outputs Hi-Z.
FB_BK
3
3
PWR I
Feedback for buck regulator. Connect to buck regulator output after the
inductor/resistor.
FGOUT
40
40
O
Motor Speed indicator output. Open-drain output requires an external pull-up
resistor to 1.8V to 5.0V. It can be set to different division factor of Hall signals
(see FGOUT Signal)
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com