Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324AIDYYR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324AIDYYR
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324AIDYYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV324AIDYYR Datasheet HTML 17Page - Texas Instruments LMV324AIDYYR Datasheet HTML 18Page - Texas Instruments LMV324AIDYYR Datasheet HTML 19Page - Texas Instruments LMV324AIDYYR Datasheet HTML 20Page - Texas Instruments LMV324AIDYYR Datasheet HTML 21Page - Texas Instruments LMV324AIDYYR Datasheet HTML 22Page - Texas Instruments LMV324AIDYYR Datasheet HTML 23Page - Texas Instruments LMV324AIDYYR Datasheet HTML 24Page - Texas Instruments LMV324AIDYYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
8.2.2.3 Application Curves
The measured current-to-voltage transfer function for the photodiode amplifier circuit is shown in Figure 8-4. The
measured performance of the photodiode amplifier circuit is shown in Figure 8-5.
Frequency (Hz)
40
60
80
100
120
10
100
1k
10k
100k
1M
D001
D001
D001
Figure 8-4. Photodiode Amplifier Circuit AC Gain
Results
Input Current (A)
0
2E-6
4E-6
6E-6
8E-6
1E-5
0
0.5
1
1.5
2
2.5
3
D002
Figure 8-5. Photodiode Amplifier Circuit DC
Results
www.ti.com
LMV321A,, LMV358A,, LMV324A
SBOS923G – DECEMBER 2017 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMV321A, LMV358A, LMV324A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com