Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IDDFR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IDDFR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IDDFR Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA2991IDDFR Datasheet HTML 21Page - Texas Instruments OPA2991IDDFR Datasheet HTML 22Page - Texas Instruments OPA2991IDDFR Datasheet HTML 23Page - Texas Instruments OPA2991IDDFR Datasheet HTML 24Page - Texas Instruments OPA2991IDDFR Datasheet HTML 25Page - Texas Instruments OPA2991IDDFR Datasheet HTML 26Page - Texas Instruments OPA2991IDDFR Datasheet HTML 27Page - Texas Instruments OPA2991IDDFR Datasheet HTML 28Page - Texas Instruments OPA2991IDDFR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
Cap Load (pF)
0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
0
10
20
30
40
50
60
70
80
C008
RISO = 0 , Positive Overshoot
RISO = 0 , Negative Overshoot
RISO = 50 , Positive Overshoot
RISO = 50 , Negative Overshoot
Figure 7-5. Small-Signal Overshoot vs Capacitive
Load (10-mV Output Step, G = 1)
Cap Load (pF)
0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
0
10
20
30
40
50
60
C007
RISO = 0 , Positive Overshoot
RISO = 0 , Negative Overshoot
RISO = 50 , Positive Overshoot
RISO = 50 , Negative Overshoot
Figure 7-6. Small-Signal Overshoot vs Capacitive
Load (10-mV Output Step, G = –1)
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small
resistor, RISO, in series with the output, as shown in Figure 7-7. This resistor significantly reduces ringing
and maintains DC performance for purely capacitive loads. However, if a resistive load is in parallel with the
capacitive load, then a voltage divider is created, thus introducing a gain error at the output and slightly reducing
the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible at low
output levels. A high capacitive load drive makes the OPAx991 well suited for applications such as reference
buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 7-7 uses an isolation resistor,
RISO, to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for increased phase
margin.
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
Figure 7-7. Extending Capacitive Load Drive With the OPA991
www.ti.com
OPA991, OPA2991, OPA4991
SBOS969F – OCTOBER 2019 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA991 OPA2991 OPA4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com