Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA387DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387DBVT
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA387DBVT Datasheet HTML 7Page - Texas Instruments OPA387DBVT Datasheet HTML 8Page - Texas Instruments OPA387DBVT Datasheet HTML 9Page - Texas Instruments OPA387DBVT Datasheet HTML 10Page - Texas Instruments OPA387DBVT Datasheet HTML 11Page - Texas Instruments OPA387DBVT Datasheet HTML 12Page - Texas Instruments OPA387DBVT Datasheet HTML 13Page - Texas Instruments OPA387DBVT Datasheet HTML 14Page - Texas Instruments OPA387DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±2.75 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 50 pF (unless otherwise noted)
Frequency (Hz)
0
20
40
60
80
100
120
140
160
10m 100m
1
10
100
1k
10k
100k
1M
10M
CMRR
PSRR−
PSRR
+
Figure 6-13. PSRR and CMRR vs Frequency
Time (1 s/div)
C130
Figure 6-14. 0.1-Hz to 10-Hz Noise
Frequency (Hz)
1
2
3
4
5
7
10
20
20
100m
1
10
100
1k
10k
100k
c115
Figure 6-15. Input Voltage Noise Spectral Density vs Frequency
Frequency (Hz)
-200
-180
-160
-140
-120
-100
-80
-60
-40
100
1k
10k
100k
1M
10M
C122
Figure 6-16. Channel-to-Channel Crosstalk
Frequency (Hz)
0.0001
0.001
0.01
0.1
20
200
2k
20k
-120
-100
-80
-60
C137
G = 1, RL = 10 k:
G = 1, RL = 2 k:
G = 1, RL = 600 :
G = 1, RL = 10 k:
G = 1, RL = 2 k:
G = 1, RL = 600 :
VS = 5.5 V, VOUT = 3 VRMS, BW = 80 kHz
Figure 6-17. THD+N Ratio vs Frequency
Output Amplitude (VRMS)
0.0001
0.001
0.01
0.1
1
10m
100m
1
-120
-100
-80
-60
-40
C136
G = 1, RL = 10 k:
G = 1, RL = 2 k:
G = 1, RL = 600 :
G = 1, RL = 10 k:
G = 1, RL = 2 k:
G = 1, RL = 600 :
VS = 5.5 V, f = 1 kHz, BW = 80 kHz
Figure 6-18. THD+N vs Output Amplitude
www.ti.com
OPA387, OPA2387, OPA4387
SBOS984F – NOVEMBER 2020 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com