Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2991IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2991IPWR
Description  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2991IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2991IPWR Datasheet HTML 17Page - Texas Instruments OPA2991IPWR Datasheet HTML 18Page - Texas Instruments OPA2991IPWR Datasheet HTML 19Page - Texas Instruments OPA2991IPWR Datasheet HTML 20Page - Texas Instruments OPA2991IPWR Datasheet HTML 21Page - Texas Instruments OPA2991IPWR Datasheet HTML 22Page - Texas Instruments OPA2991IPWR Datasheet HTML 23Page - Texas Instruments OPA2991IPWR Datasheet HTML 24Page - Texas Instruments OPA2991IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
7 Detailed Description
7.1 Overview
The OPAx991 family (OPA991, OPA2991, and OPA4991) is a new generation of 40-V general purpose
operational amplifiers.
These devices offer excellent DC precision and AC performance, including rail-to-rail input/output, low offset
(±125 µV, typ), low offset drift (±0.3 µV/°C, typ), and 4.5-MHz bandwidth.
Unique features such as differential and common-mode input-voltage range to the supply rail, high output current
(±75 mA), high slew rate (21 V/µs), and shutdown functionality make the OPAx991 a robust, high-performance
operational amplifier for high-voltage industrial applications.
7.2 Functional Block Diagram
+
±
±
+
40-V
Differential
MUX-Friendly
Front End
Slew
Boost
IN+
IN-
OUT
±
+
NCH Input
Stage
PCH Input
Stage
Output
Stage
Shutdown
Circuitry
www.ti.com
OPA991, OPA2991, OPA4991
SBOS969F – OCTOBER 2019 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA991 OPA2991 OPA4991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com