Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR4-970F Datasheet(PDF) 11 Page - Littelfuse

Part # LR4-970F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LR4-970F Datasheet(HTML) 11 Page - Littelfuse

Back Button LR4-970F Datasheet HTML 6Page - Littelfuse LR4-970F Datasheet HTML 7Page - Littelfuse LR4-970F Datasheet HTML 8Page - Littelfuse LR4-970F Datasheet HTML 9Page - Littelfuse LR4-970F Datasheet HTML 10Page - Littelfuse LR4-970F Datasheet HTML 11Page - Littelfuse LR4-970F Datasheet HTML 12Page - Littelfuse LR4-970F Datasheet HTML 13Page - Littelfuse LR4-970F Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Table B5 — Physical Characteristics and Environmental Specifications
VLR
Physical Characteristics
Lead Material
0.125mm Nominal Thickness, Quarter-hard Nickel
Tape Material
Polyester
Environmental Specifications
Test
Conditions
Resistance Change
Passive Aging
-40°C, 1000 hrs
±5% typ
60°C, 1000 hrs
±20% typ
Humidity Aging
60°C/95% RH, 1000 hrs
±30% typ
Thermal Shock
85°C, -40°C (10 Times)
±5% typ
Vibration
MIL-STD-883D, Method 2026
No Change
VLP and VTP
Physical Characteristics
Lead Material
0.125mm Nominal Thickness, Quarter-hard Nickel
Tape Material
Polyester
Environmental Specifications
Test
Conditions
Resistance Change
Passive Aging
-40°C, 1000 hrs
±5% typ
60°C, 1000 hrs
±10% typ
Humidity Aging
60°C/95% RH, 1000 hrs
±10% typ
Thermal Shock
85°C, -40°C (10 Times)
±5% typ
Vibration
MIL-STD-883D, Method 2026
No Change
MXP and MGP
Physical Characteristics
Lead Material
0.1mm Nominal Thickness,Half-hard Nickel
Coating Material
Epoxy
Environmental Specifications
Test
Conditions
Resistance Change
Passive Aging
-40°C, 1000 hrs
±5% typ
60°C, 1000 hrs
±20% typ
Humidity Aging
60°C/95% RH, 1000 hrs
±30% typ
Thermal Shock
85°C, -40°C (10 Times)
±5% typ
Vibration
MIL-STD-883D, Method 2026
No Change
SRP
Physical Characteristics
Lead Material
0.125mm Nominal Thickness, Quarter-hard Nickel
Tape Material
Polyester
Environmental Specifications
Test
Conditions
Resistance Change
Passive Aging
70°C, 1000 hrs
±10% typ
Humidity Aging
85°C/85% RH, 7 Days
±5% typ
Vibration
MIL-STD-883C, Test Condition A
No Change
Note: Storage conditions: 40°C max., 70% RH max.; devices should remain in original sealed bags prior to use.
Devices may not meet specified values if these storage conditions are exceeded.
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com