Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLR170F Datasheet(PDF) 12 Page - Littelfuse

Part # VLR170F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR170F Datasheet(HTML) 12 Page - Littelfuse

Back Button VLR170F Datasheet HTML 6Page - Littelfuse VLR170F Datasheet HTML 7Page - Littelfuse VLR170F Datasheet HTML 8Page - Littelfuse VLR170F Datasheet HTML 9Page - Littelfuse VLR170F Datasheet HTML 10Page - Littelfuse VLR170F Datasheet HTML 11Page - Littelfuse VLR170F Datasheet HTML 12Page - Littelfuse VLR170F Datasheet HTML 13Page - Littelfuse VLR170F Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Table B6 — Packaging and Marking Information/Agency Recognition
Part
Number
Bag
Quantity
Tape and Reel
Quantity
Standard Package
Quantity
Part Marking
Agency Recognition
85°C Typical Activation
VLR
VLR170F
1,000
—
10,000
R17
UL, CSA,TÜV
VLR175F
1,000
—
10,000
R1X
UL, CSA,TÜV
VLR175LF
1,000
—
10,000
R1X
UL, CSA,TÜV
VLR230F
1,000
—
10,000
R23
UL, CSA,TÜV
90°C Typical Activation
VLP
VLP120UF
1,000
—
10,000
—
UL, CSA, TÜV
VLP175UAF
1,000
—
10,000
—
UL, CSA, TÜV
VLP210F
1,000
—
10,000
W21
UL, CSA, TÜV
VLP220F
1,000
—
10,000
W22
UL, CSA, TÜV
VLP270F
1,000
—
10,000
W27
UL, CSA, TÜV
VTP
VTP110F
1,000
—
10,000
—
UL, CSA, TÜV
VTP170F
1,000
—
10,000
V17
UL, CSA, TÜV
VTP170XSF
1,000
—
10,000
V17
UL, CSA, TÜV
VTP175F
1,000
—
10,000
V1X
UL, CSA, TÜV
VTP175LF
1,000
—
10,000
V1X
UL, CSA, TÜV
VTP210GF
1,000
—
10,000
V21
UL, CSA, TÜV
VTP210SF
1,000
—
10,000
V21
UL, CSA, TÜV
120°C Typical Activation
MXP
MXP180
2,000
—
48,000
—
UL, CSA, TÜV
MXP190BB
2,000
—
48,000
—
UL, CSA, TÜV
MXP250K
2,000
—
48,000
—
UL, CSA, TÜV
MXP270
2,000
—
48,000
—
UL
MXP310
2,000
—
48,000
—
UL
MXP370BD
2,000
—
48,000
—
UL, CSA, TÜV
120˚C Typical Activation
MGP
MGP450
2,000
—
48,000
—
—
MGP500
2,000
—
48,000
—
UL, TÜV
Table B5 — Physical Characteristics and Environmental Specifications
(Cont’d)
LR4
Physical Characteristics
Lead Material
0.125mm Nominal Thickness, Quarter-hard Nickel
Tape Material
Polyester
Environmental Specifications
Test
Conditions
Resistance Change
Passive Aging
70°C, 1000 hrs
±10% typ
Humidity Aging
85°C/85% RH, 7 Days
±5% typ
Vibration
MIL-STD-883D, Method 2026
No Change
Note: Storage conditions: 40°C max., 70% RH max.; devices should remain in original sealed bags prior to use.
Devices may not meet specified values if these storage conditions are exceeded.
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com