Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLP175UAF Datasheet(PDF) 7 Page - Littelfuse

Part # VLP175UAF
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLP175UAF Datasheet(HTML) 7 Page - Littelfuse

Back Button VLP175UAF Datasheet HTML 3Page - Littelfuse VLP175UAF Datasheet HTML 4Page - Littelfuse VLP175UAF Datasheet HTML 5Page - Littelfuse VLP175UAF Datasheet HTML 6Page - Littelfuse VLP175UAF Datasheet HTML 7Page - Littelfuse VLP175UAF Datasheet HTML 8Page - Littelfuse VLP175UAF Datasheet HTML 9Page - Littelfuse VLP175UAF Datasheet HTML 10Page - Littelfuse VLP175UAF Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Table B4 — Dimensions in Millimeters (Inches)
(Cont’d)
Part
Number
A
B
C
D
E
F
G
Figure
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
VTP
VTP110F
23.6
25.6
2.7
2.9
—
0.7
7.0
8.0
7.0
8.0
2.3
2.5
—
—
B5
(0.944) (1.024)
(0.108) (0.116)
—
(0.028)
(0.280) (0.320)
(0.280) (0.320)
(0.092) (0.100)
—
—
VTP170F
15.4
17.5
7.0
7.4
0.5
0.8
4.0
6.2
4.0
6.2
3.9
4.1
—
—
B2
(0.616) (0.700)
(0.280) (0.296)
(0.020) (0.032)
(0.160) (0.248)
(0.160) (0.248)
(0.156) (0.164)
—
—
VTP170XSF
20.9
22.9
4.9
5.3
0.5
0.8
6.0
8.6
6.0
8.6
3.9
4.1
—
—
B4
(0.836) (0.916)
(0.196) (0.212)
(0.020) (0.032)
(0.240) (0.344)
(0.240) (0.344)
(0.156) (0.164)
—
—
VTP175F
21.2
23.2
3.5
3.9
—
0.8
4.6
6.6
4.6
6.6
2.9
3.1
—
—
B3
(0.848) (0.928)
(0.140) (0.156)
—
(0.032)
(0.184) (0.264)
(0.184) (0.264)
(0.116) (0.124)
—
—
VTP175LF
25.8
28.2
3.5
3.9
—
0.8
5.7
7.3
8.7
10.3
2.4
2.6
—
—
B3
(1.032) (1.128)
(0.140) (0.156)
—
(0.032)
(0.228) (0.292)
(0.348) (0.412)
(0.096) (0.104)
—
—
VTP210GF
20.9
23.1
4.9
5.3
—
0.8
4.1
5.8
4.1
5.8
3.9
4.1
—
—
B3
(0.836) (0.924)
(0.196) (0.212)
—
(0.032)
(0.164) (0.232)
(0.164) (0.232)
(0.156) (0.164)
—
—
VTP210SF
20.9
23.1
4.9
5.3
0.6
0.8
4.1
5.8
4.1
5.8
3.9
4.1
—
—
B4
(0.836) (0.924)
(0.196) (0.212)
(0.024) (0.032)
(0.164) (0.232)
(0.164) (0.232)
(0.156) (0.164)
—
—
120°C Typical Activation
MXP
MXP180
9.4
10.0
2.3
2.6
0.7
1.1
1.9
2.1
—
—
—
—
—
—
B10
(0.37) (0.39)
(0.09)
(0.10)
(0.02) (0.04)
(0.07) (0.08)
—
—
—
—
—
—
MXP190BB
9.2
10.8
2.96
3.26
0.7
1.1
1.6
3.1
1.6
3.1
2.2
2.4
—
—
B9
(0.36) (0.43)
(0.12)
(0.13)
(0.03) (0.04)
(0.06)
(0.12)
(0.06)
(0.12)
(0.09)
(0.10)
—
—
MXP250K
11.75
12.35
2.3
2.7
0.7
1.1
2.4
2.6
—
—
—
—
—
—
B10
(0.46) (0.49)
(0.09)
(0.11)
(0.03) (0.04)
(0.09)
(0.10)
—
—
—
—
—
—
MXP270
10.3
11.5
2.3
2.7
0.7
1.1
2.1
—
2.1
—
1.9
2.1
—
—
B9
(0.40) (0.45)
(0.09)
(0.10)
(0.02) (0.04)
(0.08)
—
(0.08)
—
(0.07) (0.08)
—
—
MXP310
14.5
16.5
2.96
3.26
0.65
0.95
4.6
—
4.6
—
2.2
2.4
—
—
B9
(0.57) (0.65)
(0.11)
(0.13)
(0.03) (0.04)
(0.18)
—
(0.18)
—
(0.09)
(0.10)
—
—
MXP370BD
10.5
11.3
2.96
3.26
0.7
1.1
2.0
—
2.0
—
2.2
2.4
—
—
B9
(0.41) (0.44)
(0.11)
(0.12)
(0.02) (0.04)
(0.07)
—
(0.07)
—
(0.08)
0.09)
—
—
120˚C Typical Activatio
MGP
MGP450
13.0
14.0
2.96
3.26
—
0.95
3.0
—
3.0
—
2.2
2.4
—
—
B11
(0.51) (0.55)
(0.12)
(0.13)
—
(0.04)
(0.12)
—
(0.12)
—
(0.09) (0.09)
—
—
MGP500
14.5
15.5
2.96
3.26
—
0.95
5.5
7.0
2.0
—
2.3
2.5
3.95
4.05
B12
(0.57) (0.61)
(0.12)
(0.13)
—
(0.04)
(0.22)
(0.28)
(0.08)
—
(0.09)
(0.10)
(0.16)
(0.16)
125°C Typical Activation
SRP
SRP120F
19.9
22.1
4.9
5.2
0.6
1.0
5.5
7.5
5.5
7.5
3.9
4.1
—
—
B6
(0.796) (0.884)
(0.196) (0.208)
(0.024) (0.040)
(0.220) (0.300)
(0.220) (0.300)
(0.156) (0.164)
—
—
SRP175F
20.9
23.1
4.9
5.2
0.6
1.0
4.1
5.5
4.1
5.5
3.9
4.1
—
—
B6
(0.836) (0.924)
(0.196) (0.208)
(0.024) (0.040)
(0.164) (0.220)
(0.164) (0.220)
(0.156) (0.164)
—
—
SRP200F
21.3
23.4
10.2
11.0
0.5
1.1
5.0
7.6
5.0
7.6
4.8
5.4
—
—
B6
(0.852) (0.936)
(0.408) (0.440)
(0.020) (0.044)
(0.200) (0.304)
(0.200) (0.304)
(0.192) (0.216)
—
—
SRP350F
28.4
31.8
13.0
13.5
0.5
1.1
6.3
8.9
6.3
8.9
6.0
6.6
—
—
B6
(1.136) (1.272)
(0.520) (0.540)
(0.020) (0.044)
(0.252) (0.356)
(0.252) (0.356)
(0.240) (0.264)
—
—
SRP420F
30.6
32.4
12.9
13.6
0.5
1.1
5.0
7.5
5.0
7.5
6.0
6.7
—
—
B6
(1.224) (1.296)
(0.516) (0.544)
(0.020) (0.044)
(0.200) (0.300)
(0.200) (0.300)
(0.240) (0.268)
—
—
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com