Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP22N50APBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFP22N50APBF
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP22N50APBF Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFP22N50APBF Datasheet HTML 1Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 2Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 3Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 4Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 5Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 6Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 7Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 8Page - Vishay Siliconix IRFP22N50APBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
Document Number: 91207
2
S11-0446-Rev. C, 14-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT
IRFP22N50A, SiHFP22N50A
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 µs; duty cycle  2 %.
c. Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 % to 80 % VDS.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.24
-
Maximum Junction-to-Case (Drain)
RthJC
-0.45
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
500
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.55
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
25
µA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 13 Ab
--
0.23
Forward Transconductance
gfs
VDS = 50 V, ID = 13 Ab
12
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
3450
-
pF
Output Capacitance
Coss
-
513
-
Reverse Transfer Capacitance
Crss
-27
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V, f = 1.0 MHz
4935
VDS = 400 V, f = 1.0 MHz
137
Effective Output Capacitance
Coss eff.
VDS = 0 V to 400 Vc
264
Total Gate Charge
Qg
VGS = 10 V
ID = 22 A, VDS = 400 V,
see fig. 6 and 13b
-
-
120
nC
Gate-Source Charge
Qgs
--
32
Gate-Drain Charge
Qgd
--
52
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 22 A,
RG = 4.3 , RD = 11, see fig. 10b
-26
-
ns
Rise Time
tr
-94
-
Turn-Off Delay Time
td(off)
-47
-
Fall Time
tf
-47
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
22
A
Pulsed Diode Forward Currenta
ISM
--
88
Body Diode Voltage
VSD
TJ = 25 °C, IS = 22A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 22 A, dI/dt = 100 A/µsb
-
570
850
ns
Body Diode Reverse Recovery Charge
Qrr
-6.1
9.2
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com