Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFI5N80K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STFI5N80K5
Description  N-channel 800 V, 1.50 Ω typ., 4 A MDmesh™ K5 Power MOSFET in a I²PAKFP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI5N80K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STFI5N80K5 Datasheet HTML 1Page - STMicroelectronics STFI5N80K5 Datasheet HTML 2Page - STMicroelectronics STFI5N80K5 Datasheet HTML 3Page - STMicroelectronics STFI5N80K5 Datasheet HTML 4Page - STMicroelectronics STFI5N80K5 Datasheet HTML 5Page - STMicroelectronics STFI5N80K5 Datasheet HTML 6Page - STMicroelectronics STFI5N80K5 Datasheet HTML 7Page - STMicroelectronics STFI5N80K5 Datasheet HTML 8Page - STMicroelectronics STFI5N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STFI5N80K5
4/12
DocID028510 Rev 2
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
800
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 800 V
1
µA
VGS = 0 V, VDS = 800 V
TC = 125 °C(1)
50
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDD = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 2 A
1.50
1.75
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
177
-
pF
Coss
Output capacitance
-
15
-
pF
Crss
Reverse transfer capacitance
-
0.3
-
pF
Co(tr)(1)
Equivalent capacitance time
related
VDS = 0 to 640 V, VGS = 0 V
-
33
-
pf
Co(er)(2)
Equivalent capacitance
energy related
-
16
-
pf
Rg
Intrinsic gate resistance
f = 1 MHz, ID=0 A
-
5
-
Ω
Qg
Total gate charge
VDD = 640 V, ID = 4 A
VGS= 10 V
(see Figure 15: "Test circuit
for gate charge behavior")
-
5.5
-
nC
Qgs
Gate-source charge
-
1.7
-
nC
Qgd
Gate-drain charge
-
2.9
-
nC
Notes:
(1)Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 to
80% VDSS.
(2)Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 to
80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com