Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105VB Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F105VB
Description  Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105VB Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F105VB Datasheet HTML 42Page - STMicroelectronics STM32F105VB Datasheet HTML 43Page - STMicroelectronics STM32F105VB Datasheet HTML 44Page - STMicroelectronics STM32F105VB Datasheet HTML 45Page - STMicroelectronics STM32F105VB Datasheet HTML 46Page - STMicroelectronics STM32F105VB Datasheet HTML 47Page - STMicroelectronics STM32F105VB Datasheet HTML 48Page - STMicroelectronics STM32F105VB Datasheet HTML 49Page - STMicroelectronics STM32F105VB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
46/108
DocID15274 Rev 10
Table 19. Peripheral current consumption
Peripheral
Typical consumption at 25 °C
Unit
AHB (up to 72 MHz)
DMA1
14.03
µA/MHz
DMA2
9.31
OTG_fs
111.11
ETH-MAC
56.25
CRC
1.11
BusMatrix(1)
15.97
APB1(up to 36MHz)
APB1-Bridge
9.72
µA/MHz
TIM2
33.61
TIM3
33.06
TIM4
32.50
TIM5
31.94
TIM6
6.11
TIM7
6.11
SPI2/I2S2(2)
7.50
SPI3/I2S3(2)
7.50
USART2
10.83
USART3
11.11
UART4
10.83
UART5
10.56
I2C1
11.39
I2C2
11.11
CAN1
19.44
CAN2
18.33
DAC(3)
8.61
WWDG
3.33
PWR
2.22
BKP
0.83
IWDG
3.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com