Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB50CG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 7Page - STMicroelectronics STM32WB50CG Datasheet HTML 8Page - STMicroelectronics STM32WB50CG Datasheet HTML 9Page - STMicroelectronics STM32WB50CG Datasheet HTML 10Page - STMicroelectronics STM32WB50CG Datasheet HTML 11Page - STMicroelectronics STM32WB50CG Datasheet HTML 12Page - STMicroelectronics STM32WB50CG Datasheet HTML 13Page - STMicroelectronics STM32WB50CG Datasheet HTML 14Page - STMicroelectronics STM32WB50CG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
DS13047 Rev 5
11/119
STM32WB50CG STM32WB30CE
Description
45
Table 1. STM32WB50CG and STM32WB30CE device features and peripheral counts
Feature
STM32WB50CG
STM32WB30CE
Flash memory density
1 M bytes
512 Kbytes
SRAM density
128 Kbytes
96 Kbytes
SRAM1
64 Kbytes
32 Kbytes
SRAM2
64 Kbytes
64 Kbytes
BLE
5.2
802.15.4
Yes
Timers
Advanced
1 (16 bits)
General purpose
2 (16 bits) + 1 (32 bits)
Low power
2 (16 bits)
SysTick
1
Communication
interface
SPI
1
I2C
1
USART(1)
1. USART peripheral can be used as SPI.
1
RTC
1
Tamper pin
1
Wakeup pin
2
GPIOs
30
12-bit ADC
Number of channels
13 channels
(incl. 3 internal)
Internal Vref
Yes
Max CPU frequency
64 MHz
Operating temperature
Ambient operating temperature:-10 to +85 °C
Junction temperature: -10 to 105 °C
Operating voltage
2.0 to 3.6 V
Package
UFQFPN48, 7 mm x 7 mm, 0.5 mm pitch, solder pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com