Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB5AS52 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB5AS52
Description  Harmony XB5, Mushroom push button head 횠40, plastic, black, 횠22, latching turn realease
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AS52 Datasheet(HTML) 2 Page - Schneider Electric

  ZB5AS52 Datasheet HTML 1Page - Schneider Electric ZB5AS52 Datasheet HTML 2Page - Schneider Electric ZB5AS52 Datasheet HTML 3Page - Schneider Electric ZB5AS52 Datasheet HTML 4Page - Schneider Electric ZB5AS52 Datasheet HTML 5Page - Schneider Electric ZB5AS52 Datasheet HTML 6Page - Schneider Electric ZB5AS52 Datasheet HTML 7Page - Schneider Electric ZB5AS52 Datasheet HTML 8Page - Schneider Electric ZB5AS52 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class II IEC 60536
IP degree of protection
IP66 IEC 60529
IP67
IP69
IP69K
NEMA degree of protection
NEMA 13
NEMA 4X
Resistance to high pressure
washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
IK degree of protection
IK03 IEC 50102
Standards
EN/IEC 60947-5-1
CSA C22.2 No 14
EN/IEC 60947-5-4
EN/IEC 60947-1
JIS C8201-5-1
UL 508
JIS C8201-1
Product certifications
GL
DNV
LROS (Lloyds register of shipping)
UL Listed
CSA
BV
Vibration resistance
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
Category
22467-PUSHBUTTONS,22MM(PLASTIC) NEW
Discount Schedule
CS2
GTIN
3389110906844
Nbr. of units in pkg.
1
Package weight(Lbs)
1.48 oz (42 g)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.77 in (4.5 cm)
Package 1 width
2.09 in (5.3 cm)
Package 1 Length
3.46 in (8.8 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
100
Package 2 Weight
10.24 lb(US) (4.643 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
2
Mar 16, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com