Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F071CB Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F071CB
Description  sArm®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC and communication interfaces, 2.0 - 3.6 V
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071CB Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F071CB Datasheet HTML 35Page - STMicroelectronics STM32F071CB Datasheet HTML 36Page - STMicroelectronics STM32F071CB Datasheet HTML 37Page - STMicroelectronics STM32F071CB Datasheet HTML 38Page - STMicroelectronics STM32F071CB Datasheet HTML 39Page - STMicroelectronics STM32F071CB Datasheet HTML 40Page - STMicroelectronics STM32F071CB Datasheet HTML 41Page - STMicroelectronics STM32F071CB Datasheet HTML 42Page - STMicroelectronics STM32F071CB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
DS10009 Rev 7
39/122
STM32F071x8 STM32F071xB
Pinouts and pin descriptions
41
K10
54
36
28
E1
PB15
I/O
FT
-
SPI2_MOSI, I2S2_SD,
TIM1_CH3N,
TIM15_CH1N,
TIM15_CH2
WKUP7,
RTC_REFIN
K9
55
-
-
-
PD8
I/O
FT
-
USART3_TX
-
K8
56
-
-
-
PD9
I/O
FT
-
USART3_RX
-
J12
57
-
-
-
PD10
I/O
FT
-
USART3_CK
-
J11
58
-
-
-
PD11
I/O
FT
-
USART3_CTS
-
J10
59
-
-
-
PD12
I/O
FT
-
USART3_RTS,
TSC_G8_IO1
-
H12
60
-
-
-
PD13
I/O
FT
-
TSC_G8_IO2
-
H11
61
-
-
-
PD14
I/O
FT
-
TSC_G8_IO3
-
H10
62
-
-
-
PD15
I/O
FT
-
TSC_G8_IO4, CRS_SYNC
-
E12
63
37
-
-
PC6
I/O
FT
(3)
TIM3_CH1
-
E11
64
38
-
-
PC7
I/O
FT
(3)
TIM3_CH2
-
E10
65
39
-
-
PC8
I/O
FT
(3)
TIM3_CH3
-
D12
66
40
-
-
PC9
I/O
FT
(3)
TIM3_CH4
-
D11
67
41
29
D1
PA8
I/O
FT
(3)
USART1_CK, TIM1_CH1,
EVENTOUT, MCO,
CRS_SYNC
-
D10
68
42
30
D2
PA9
I/O
FT
(3)
USART1_TX, TIM1_CH2,
TIM15_BKIN,
TSC_G4_IO1
-
C12
69
43
31
C2
PA10
I/O
FT
(3)
USART1_RX, TIM1_CH3,
TIM17_BKIN,
TSC_G4_IO2
-
B12
70
44
32
C1
PA11
I/O
FT
(3)
USART1_CTS, TIM1_CH4,
COMP1_OUT,
TSC_G4_IO3, EVENTOUT
A12
71
45
33
C3
PA12
I/O
FT
(3)
USART1_RTS, TIM1_ETR,
COMP2_OUT,
TSC_G4_IO4, EVENTOUT
A11
72
46
34
B3
PA13
I/O
FT
(3)
(4)
IR_OUT, SWDIO
-
Table 14. STM32F071x8/xB pin definitions (continued)
Pin numbers
Pin name
(function upon
reset)
Pin
type
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com