Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics L99UDL01 Datasheet HTML 20Page - STMicroelectronics L99UDL01 Datasheet HTML 21Page - STMicroelectronics L99UDL01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Device description
L99UDL01
18/24
DB3264 Rev 3
Since this system relies on current limitation for normal running IOC can occur in one of two
ways. First, the IOC threshold can occur if the current rise time is faster than the minimum on
time (tOC_BLANKING) of the driver. This occurs when a shorted load has very little inductance.
The second method is when the integrated driver is programmed as a simple switch and
does not provide the current regulation. Then IOC is the only means of overcurrent
protection.
The external half bridges are used as a simple switch (not current regulated). However,
when both sides of the H-Bridge are set up by the use of integrated half bridges (outputs 1-
6) then one of the integrated half bridges should be programmed as a simple switch. This is
done by programming the output to be Voltage controlled (by setting the PWM_SW_x bit to
1) and setting the duty cycle to 100%.
This allows the other half bridge to provide the lock motor current regulation without
confusion.
In the case of the external half bridges Drain-Source voltage detection is implemented as an
overload protection once the driver is active. The Drain-Source threshold, VDS, and
duration, tVDS_BLANK, are both programmable with a wide range to select.
Shorted outputs may be detected in the off-state as well (see Section 2.6.3).
2.6.2
Thermal protection
There is a thermal sensor associated with each pair of drivers. There are two reported
thermal thresholds. These are thermal warning TWx and thermal shutdown TSDx.
Thermal warning only provides a SPI register indication of the condition (TWx). Thermal
shutdown either shuts down the offending half bridge or disables the entire device. This
option is programmable via SPI command. Thermal shutdown is indicated in the SPI
register via the TSDx bits.
In the case where more than one driver is linked in parallel the hottest driver will cause a
thermal indication (TWx or TSDx). All linked drivers have their diagnostic bits linked as well.
That is, they will all demonstrate the same diagnostic state.
Drivers cannot be activated until its corresponding temperature is below thermal shutdown
threshold and corresponding fault register bit is cleared.
2.6.3
Off-state load detection
Along with the standard shorted load and thermal protections the L99UDL01 has the ability
to verify load integrity without actuating loads.
This is done by incorporating enable-able weak pull-up (ODCHx) / pull-down (ODCLx)
currents at each output. By using the weak pull-up/pull-down currents the following
conditions can be determined:
Shorted output to either ground or supply
Open load
One method would be first to bias a motor node by either a weak pull-up or weak pull-down
current then reading the Dynamic Output State (DOSx, DOS_EXTx) bits. A weak pull-up on
one output should cause all nodes associated with that output to pull high. A weak pull-down
on one output should cause all nodes associated with that output to pull low. An open circuit
or shorted output would prevent either one or the other from happening.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com