Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPP01-M12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 1 Page - STMicroelectronics

  TCPP01-M12 Datasheet HTML 1Page - STMicroelectronics TCPP01-M12 Datasheet HTML 2Page - STMicroelectronics TCPP01-M12 Datasheet HTML 3Page - STMicroelectronics TCPP01-M12 Datasheet HTML 4Page - STMicroelectronics TCPP01-M12 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
On-board TCPP01-M12 protection for USB Type-C and PD Sink applications
•
Compliant with the latest specification of USB Type-C and Power delivery,
including the Programmable Power Supply (PPS) feature
•
USB-IF certified (Test ID certification: 5205)
•
100 W-rated solution
•
6 V overvoltage protection (OVP) on CC lines against short-to-VBUS when the
connector is unplugged
•
Up to 22 V adjustable overvoltage protection (OVP) on VBUS line against
charger failure
•
Surge protection (8/20 µs) and system-level ESD protection on VBUS
•
Common mode filter and ESD protection on USB 2.0 High Speed data lines
•
System level ESD protection on CC lines as per IEC61000-4-2 level 4 (±8 kV
contact discharge)
•
Low power mode for battery operation allowing zero current consumption when
no cable is attached
•
Integrated dead battery management when the device battery is fully depleted
•
Overtemperature protection (OTP)
•
RoHS compliant
Description
The X-NUCLEO-SNK1M1 expansion board allows evaluating TCPP01-M12 features
for USB Type-C overvoltage protection for VBUS and CC lines related to Sink
applications.
The expansion board is designed to be stack on top of NUCLEO-G071RB
or NUCLEO-G474RE or NUCLEO-L412RB-P development board, exploiting the
characteristics of the USB Type-C and Power Delivery peripheral embedded in
their microcontrollers, and any STM32 Nucleo-64 board to demonstrate the Type-C
mechanism basic operations (attach, detach and power supply
options).
The X-NUCLEO-SNK1M1 expansion board provides an effective demonstration of
the dead battery operation, thanks to the integrated ST715PU33R LDO linear
regulator that supplies the connected STM32 Nucleo development board when a
source is attached via USB Type-C connector.
The X-NUCLEO-SNK1M1 is compliant with the latest USB Type-C and Power
Delivery specifications and is also USB-IF certified as a 100 W solution supporting
Programmable Power Supply (PPS) function.
Product summary
USB Type-C™ Power
Delivery Sink expansion
board based on
TCPP01-M12 for STM32
Nucleo
X-NUCLEO-
SNK1M1
USB Type-C software
expansion for
STM32Cube
X-CUBE-
TCPP
USB type-C port
protection
TCPP01-M12
STM32 Nucleo-64
development boards
with STM32G071RB/
STM32G474RE/
STM32L412RB MCUs
NUCLEO-
G071RB/
NUCLEO-
G474RE/
NUCLEO-
L412RB-P
Applications
USB Type-C
and Power
Delivery
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for
STM32 Nucleo
X-NUCLEO-SNK1M1
Data brief
DB4427 - Rev 1 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
USB type-C port protection
06-Sep-2019
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
1Mb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
April 2021
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-PLM01A1 STMICROELECTRONICS-X-NUCLEO-PLM01A1 Datasheet
551Kb / 6P
Power line communication expansion board based on ST7580 for STM32 Nucleo
June 2017
X-NUCLEO-USBPDM1 STMICROELECTRONICS-X-NUCLEO-USBPDM1 Datasheet
1Mb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
April 2021
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com