Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPP01-M12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 1 Page - STMicroelectronics

  TCPP01-M12 Datasheet HTML 1Page - STMicroelectronics TCPP01-M12 Datasheet HTML 2Page - STMicroelectronics TCPP01-M12 Datasheet HTML 3Page - STMicroelectronics TCPP01-M12 Datasheet HTML 4Page - STMicroelectronics TCPP01-M12 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
100 W programmable power supply (PPS) support
•
USB Type-C reversible connector
•
6 V overvoltage protection (OVP) on CC lines against short-to-VBUS when the
connector is unplugged
•
Up to 22 V adjustable overvoltage protection (OVP) on VBUS line against
charger failure
•
Surge protection and system-level ESD protection on VBUS
•
Common-mode filter and ESD protection on USB 2.0 High Speed data-lines
•
System-level ESD protection on CC lines as per IEC61000-4-2 level 4 (±8 kV
contact discharge)
•
Low power mode for battery operation allows zero current consumption when no
cable is attached
•
Integrated dead battery management for fully depleted battery devices
•
Overtemperature protection (OTP)
•
Compliant with USB Type-C Rev 1.2 and Power Delivery 3.0 standards
•
USB-IF certified (Test ID certification: 3036)
Description
The X-NUCLEO-USBPDM1 is an expansion board for the NUCLEO-G071RB and
NUCLEO-G474RE development boards or any STM32 Nucleo development board
equipped with a USB Type-C peripheral.
The X-NUCLEO-USBPDM1 is compliant with USB Type-C Rev 1.2 and Power
Delivery 3.0 with 100 W PPS support, as well as USB-IF certified (Test ID
certification: 3036).
It provides a straightforward means for evaluating USB Type-C Power Delivery in
Sink mode based on TCPP01-M12.
The USB Type-C connector can supply the STM32 Nucleo development board
thanks to a 3.3 V LDO.
Product summary
USB Type-C Power
Delivery sink expansion
board based on
TCPP01-M12 for
STM32 Nucleo
X-NUCLEO-
USBPDM1
USB Type-C software
expansion for
STM32Cube
X-CUBE-TCPP
USB type-C port
protection
TCPP01-M12
STM32 Nucleo-64
development boards
with STM32G071RB/
STM32G474RE MCUs
NUCLEO-
G071RB/
NUCLEO-
G474RE
Applications
Medical and
Healthcare
Power Supplies
and Converters
Smart Home
USB Type-C
and Power
Delivery
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for
STM32 Nucleo
X-NUCLEO-USBPDM1
Data brief
DB4097 - Rev 3 -
April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
USB type-C port protection
06-Sep-2019
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
437Kb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
March 2021
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-PLM01A1 STMICROELECTRONICS-X-NUCLEO-PLM01A1 Datasheet
551Kb / 6P
Power line communication expansion board based on ST7580 for STM32 Nucleo
June 2017
X-NUCLEO-SNK1M1 STMICROELECTRONICS-X-NUCLEO-SNK1M1 Datasheet
437Kb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
March 2021
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com