Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC3027 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # KBPC3027
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

KBPC3027 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  KBPC3027 Datasheet HTML 1Page - EIC discrete Semiconductors KBPC3027 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC3027 - KBPC3067
SILICON BRIDGE RECTIFIERS
PRV : 200 - 600 Volts
Io : 30 Amperes
FEATURES :
* Glass passivated junction chip
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally
mounted in the bridge encapsulation
* Epoxy : UL94V-O rate flame retardant
* Terminals : plated .25" (6.35 mm). Faston
* Polarity : Polarity symbols marked on case
* Mounting position : Bolt down on heat-sink with
silicone thermal compound between bridge
and mounting surface for maximum heat
transfer efficiency.
* Weight : 17.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL KBPC3027
KBPC3047
KBPC3067
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
V
Minimum Avalanche Voltage Range
VBR(Min)
250
450
660
V
Maximum Avalanche Voltage Range
VBR(Max)
700
900
1100
V
Maximum Average Forward Current Tc = 80 °C
IF(AV)
30
A
Maximum Surge Current per Diode
8.3 ms, half sine wave, TJ = 175 °C
Maximum Peak Forward Voltage per Diode at IF = 30 A
(1)
VF
1.2
V
Maximum Peak Reverse Current per diode, at VRRM
IR
10
μA
Maximum Thermal Resistance, Junction to Case
RӨJC
1.0
°C/W
Operating Junction Temperature Range
TJ
- 55 to + 150
°C
Storage Temperature Range
TSTG
- 55 to + 175
°C
Note :
(1) Pulse test: Pulse with 300 μs, Duty cycle 2%
Page 1 of 2
Rev. 00 : November 2, 2007
RATING
IFSM
250
A
Metal Heatsink
BR50
φ
0.728(18.50)
0.688(17.40)
0.570(14.50)
0.530(13.40)
0.685(16.70)
0.618(15.70)
1.130(28.70)
1.120(28.40)
0.210(5.30)
0.200(5.10)
0.658(16.70)
0.618(15.70)
0.032(0.81)
0.028(0.71)
0.252(6.40)
0.248(6.30)
0.905(23.0)
0.826(21.0)
0.100(2.50)
0.090(2.30)
0.310(7.87)
0.280(7.11)
Dimensions in inches and ( millimeters )
www.eicsemi.com


Similar Part No. - KBPC3027

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KBPC3027 MICROSEMI-KBPC3027 Datasheet
102Kb / 2P
30 AMP AVALANCHE BRIDGES
More results

Similar Description - KBPC3027

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com