Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2540 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MR2540
Description  AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MR2540 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MR2540 Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MR2540
AUTOMOTIVE TRANSIENT
VOLTAGE SUPPRESSOR
VR : 20 Volts
Io : 6 Amperes
FEATURES :
* Breakdown Voltage 24 to 32 Volts
* High Power capability
* Increased Capacity by Parallel Operation
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Terminal are readily solderable
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 1.624 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Maximum DC Peak Repetitive Reverse Voltage
VRRM
20
V
Maximum Working Peak Reverse Voltage
VRWM
20
V
Maximum DC Blocking Voltage
VR
20
V
Maximum Breakdown Voltage
( IR = 100 mA, Tc = 25 °C )
(1)
VBR(max)
32
V
Minimum Breakdown Voltage
( IR = 100 mA, Tc = 25 °C )
(1)
VBR(min)
24
V
Maximum Average Rectified Forward Current
( Single Phase, Resistive Load, 60 Hz, Tc = 150 °C )
Maximum Repetitive Peak Reverse Surge Current
( Time Constant = 10 ms, Duty Cycle
≤ 1%, Tc = 25 °C )
Maximum Non-Repetitive Peak Surge Current
Surge Supplied at Rated Load Conditions, Halfwave, Single Phase
Maximum Instantaneous Forward Voltage (IF = 100 A, Tc = 25 °C)
(1)
VF
1.1
V
Maximum Reverse Current ( VR = 20 V, Tc = 25 °C )
IR
200
nA
Typical Breakdown Voltage Temperature Coefficient
V(BR)TC
0.096
%/°C
Typical Forward Voltage Temperature Coefficient @ IF = 10 mA
VFTC
2.0
mV/°C
Typical Thermal Resistance Junction to Case
RӨJC
0.8
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Note
: (1) Pulse Test : Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
Page 1 of 1
Rev. 04 : April 1, 2008
RATING
A
800
IFSM
IRSM
IF(AV)
6
85
A
A
Dimensions in inches and ( millimeters )
0.342 (8.69)
0.332 (8.43)
0.175 (4.45)
0.165 (4.19)
0.246 (6.25)
0.234 (5.94)
0.222 (5.64)
0.218 (5.54)
5° NOM
MR


Similar Part No. - MR2540

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MR2540 EIC-MR2540 Datasheet
10Kb / 1P
AUTOMOTIVE TRANSIENT SUPPRESSORS
logo
Shindengen Electric Mfg...
MR2540 SHINDENGEN-MR2540 Datasheet
183Kb / 7P
Standby Compatible Partial Resonance Power Supply IC Module with High-speed IGBT
logo
EIC discrete Semiconduc...
MR2540AL EIC-MR2540AL Datasheet
315Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2540L EIC-MR2540L Datasheet
10Kb / 1P
AUTOMOTIVE TRANSIENT SUPPRESSORS
MR2540L EIC-MR2540L Datasheet
331Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
More results

Similar Description - MR2540

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6K24-G COMCHIP-6K24-G Datasheet
243Kb / 2P
Automotive Transient Voltage Suppressor
logo
ON Semiconductor
MR3227 ONSEMI-MR3227 Datasheet
127Kb / 4P
Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 1
MR4045 ONSEMI-MR4045 Datasheet
127Kb / 4P
Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 2
logo
General Semiconductor
1.5KA6.8 GE-1.5KA6.8 Datasheet
56Kb / 4P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
MR2535L NJSEMI-MR2535L Datasheet
173Kb / 2P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
MR2535AL EIC-MR2535AL Datasheet
216Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2535L-Q EIC-MR2535L-Q Datasheet
370Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 08, 2019
MR2535L EIC-MR2535L_V01 Datasheet
225Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04:February 25, 2008
MR2540AL EIC-MR2540AL Datasheet
315Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2540L EIC-MR2540L_V01 Datasheet
331Kb / 3P
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com