Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TT2138LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TT2138LS
Description  Color TV Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TT2138LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TT2138LS Datasheet HTML 1Page - Sanyo Semicon Device TT2138LS Datasheet HTML 2Page - Sanyo Semicon Device TT2138LS Datasheet HTML 3Page - Sanyo Semicon Device TT2138LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TT2138LS
No.7214-3/4
IT02807
IT02808
35
2
1.0
7
35
2
0.1
7
3
2
1.0
35
2
0.1
7
0.1
5
7
2
3
1.0
5
7
2
3
0.1
5
7
2
3
1.0
10
5
7
2
3
SW Time -- IB2
Base Current, IB2 -- A
tstg
tf
SW Time -- IC
Collector Current, IC -- A
IC / IB1=5
IB2 / IB1=2
R load
IC=1.2A
IB1=0.24A
R load
tstg
tf
0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
160
35
2
10
7 100
35
2
1.0
73
5
27 1000
35
2
100
7 1000
35
2
10
73
2
0.1
0.01
2
10
5
7
2
3
1.0
5
7
2
3
5
7
2
3
0.1
2
2
10
5
7
2
3
1.0
5
7
3
Forward Bias A S O
Collector-to-Emitter Voltage, VCE -- V
ICP=9A
IC=3.5A
Tc=25
°C
Single pulse
Reverse Bias A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
P
C =25W
IT02811
IT02809
IT02810
No
heat
sink
L=500
µH
IB2= --1A
Tc=25
°C
Single pulse
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
Case Temperature, Tc --
°C
PC -- Tc
IT02812



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com