Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5237 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC5237
Description  500 mA Low Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5237 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC5237 Datasheet HTML 5Page - Microchip Technology MIC5237 Datasheet HTML 6Page - Microchip Technology MIC5237 Datasheet HTML 7Page - Microchip Technology MIC5237 Datasheet HTML 8Page - Microchip Technology MIC5237 Datasheet HTML 9Page - Microchip Technology MIC5237 Datasheet HTML 10Page - Microchip Technology MIC5237 Datasheet HTML 11Page - Microchip Technology MIC5237 Datasheet HTML 12Page - Microchip Technology MIC5237 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006095B-page 9
MIC5237
EQUATION 4-4:
θCS is approximately 1°C/W and θJC for the TO-220 is
3°C/W in this example.
EQUATION 4-5:
EQUATION 4-6:
Therefore, a heat sink with a thermal resistance of
19.5°C/W will allow the part to operate safely and it will
not exceed the maximum junction temperature of the
device. The heat sink can be reduced by limiting power
dissipation, by reducing the input voltage or output
current. Either the TO-220 or TO-263 package can
operate reliably at 2W of power dissipation without a
heat sink. Above 2W, a heat sink is recommended.
SA JA JC
–
=
JA
125C 25C
–
4.260W
-----------------------------------
23.5C/W
=
=
SA 23.5C/W 3C/W 1C/W
+
–
19.5C/W
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com