Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5376 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5376
Description  High Performance Low Dropout 150 mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5376 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5376 Datasheet HTML 1Page - Microchip Technology MIC5376 Datasheet HTML 2Page - Microchip Technology MIC5376 Datasheet HTML 3Page - Microchip Technology MIC5376 Datasheet HTML 4Page - Microchip Technology MIC5376 Datasheet HTML 5Page - Microchip Technology MIC5376 Datasheet HTML 6Page - Microchip Technology MIC5376 Datasheet HTML 7Page - Microchip Technology MIC5376 Datasheet HTML 8Page - Microchip Technology MIC5376 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC5376/7/8
DS20006080B-page 4
2018 - 2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VEN = VOUT + 1V; CIN = COUT = 1 µF for VOUT ≥ 2.5V, CIN = COUT = 2.2 µF for
VOUT < 2.5V; IOUT = 100 µA; TJ = +25°C, bold values indicate –40°C to +125°C, unless noted. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VOUT
–2.0
2.0
%
Variation from nominal VOUT
–3.0
3.0
Line Regulation
ΔVOUT/
VOUT
0.02
0.3
%
VIN = VOUT +1V to 5.5V; IOUT = 100 µA
Load Regulation (Note 2)
ΔVOUT/
VOUT
0.3
1.0
%
IOUT = 100 µA to 150 mA
Dropout Voltage (Note 3)
VDO
45
100
mV
IOUT = 50 mA
120
200
IOUT = 150 mA
Ground Pin Current
(Note 4)
IGND
29
45
µA
IOUT = 0 mA
Ground Pin Current in
Shutdown
IGND-SHDN
0.05
1
µA
VEN ≤ 0.2V
Ripple Rejection
PSRR
60
dB
f = 1 kHz; COUT = 1 µF
50
f = 10 kHz; COUT = 1 µF
Current Limit
ILIM
200
370
550
mA
VOUT = 0V
Output Voltage Noise
en
200
µVRMS COUT = 1 µF, 10 Hz to 100 kHz
Auto-Discharge NFET
Resistance
RDS(ON)
30
Ω
VEN = 0V; VIN = 3.6V
Reference Voltage (MIC5377/8)
Reference Voltage
Accuracy
VREF
0.97
1
1.03
V
Adjust Pin Input Current
IADJ-BIAS
0.01
µA
Enable Input
Enable Input Voltage
VEN
0.2
V
Logic low.
1.2
Logic high.
Enable Input Current
IEN
0.01
1
µA
VIL ≤ 0.2V
0.01
1
VIH ≥ 1.2V
Turn-On Time
tON
45
100
µs
COUT = 1 µF; IOUT = 150 mA
Note 1: Specification for packaged product only.
2: Regulation is measured at constant junction temperature using low duty cycle pulse testing.
3: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below
its nominal value measured at 1V differential. For outputs below 2.5V, dropout voltage is the input-to-out-
put differential with the minimum input voltage 2.5V.
4: Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum
of the load current plus the ground pin current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com