Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFS Datasheet(PDF) 4 Page - Schurter Inc.

Part # KFS
Description  IEC Appliance Inlet C14 with Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KFS Datasheet(HTML) 4 Page - Schurter Inc.

  KFS Datasheet HTML 1Page - Schurter Inc. KFS Datasheet HTML 2Page - Schurter Inc. KFS Datasheet HTML 3Page - Schurter Inc. KFS Datasheet HTML 4Page - Schurter Inc. KFS Datasheet HTML 5Page - Schurter Inc. KFS Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Power Entry Modules with Line Filter
KFS
https://www.schurter.com /PG06
EMC Products
Attenuation Loss
- - - - 50
Ω differential mode _____ 50Ω common mode
Standard version
1 A
2 A
4 A
6 A
10 A
All Variants
Type
Rated Current
[A]
Filter-Type
CX Class
V-Lock Order Number
KFS
1
Standard version
X2
4300.5051
KFS
2
Standard version
X2
4300.5052
KFS
4
Standard version
X2
4300.5053
KFS
6
Standard version
X2
4300.5054
KFS
10
Standard version
X2
4300.5055
█
KFS
1
Medical Version (M5)
X2
4300.5021
KFS
2
Medical Version (M5)
X2
4300.5022
KFS
4
Medical Version (M5)
X2
4300.5023
KFS
6
Medical Version (M5)
X2
4300.5024
KFS
10
Medical Version (M5)
X2
4300.5025
KFS
1
Medical Version (M80)
X2
4300.5031
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-
SCHURTER
Packaging unit
10 Pcs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com