| Electronic Components Datasheet Search |
|
MF3DX3 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3DX3 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 28 page ![]() NXP Semiconductors MF3D(H)x3 MIFARE DESFire EV3 contactless multi-application IC MF3D_H_x3_MIFARE_DESFire_EV3_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product short data sheet Rev. 3.0 — 15 May 2020 COMPANY PUBLIC 612530 14 / 28 8 DESFire command set This section contains an overview of MF3D(H)x3 command code. A detailed description of all commands is provided in [1]. 8.1 Secure Messaging Commands Table 4. Secure messaging commands overview Command Description Authenticate Authentication as it was already supported by D40. Only for KeyType.2TDEA keys. Note that the PICC only performs encryption operations. After this authentication, the D40 backwards compatible secure messaging is used. AuthenticateISO Authentication as already supported by DESFire EV1. Only for KeyType.2TDEA or KeyType.3TDEA keys. After this authentication, EV1 backwards compatible secure messaging is used. AuthenticateAES Authentication as already supported by DESFire EV1. Only for KeyType.AES keys. After this authentication, EV1 backwards compatible secure messaging is used. AuthenticateEV2First Authentication for KeyType.AES keys. After this authentication, EV2 secure messaging is used. This authentication is intended to be the first in a transaction. AuthenticateEV2NonFirst Authentication for KeyType.AES keys. After this authentication, EV2 secure messaging is used. This authentication is intended for any subsequent authentication after Cmd.AuthenticateEV2First in a transaction. 8.2 Memory and Configuration Management Commands Table 5. Memory and configuration management commands overview Command Description FreeMem Returns the free memory available on the card Format At PICC level, all applications and files are deleted. At application level (only for delegated applications), all files are deleted. The deleted memory is released and can be reused. SetConfiguration Configures the card and pre personalizes the card with a key, defines if the UID or the random ID is sent back during communication setup and configures the ATS string. GetVersion Returns manufacturing related data of the PICC. GetCardUID Returns the UID. 8.3 Key Management Commands Table 6. Key management commands overview Command Description ChangeKey Changes any key stored on the PICC. ChangeKeyEV2 Depending on the currently selected AID, this command updates a key of the PICC or of one specified application keyset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |