Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF1P2131DA6/02 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MF1P2131DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2131DA6/02 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MF1P2131DA6/02 Datasheet HTML 13Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 14Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 15Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 16Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 17Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 18Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 19Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 20Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
17 / 33
8.10 Security level 3
The operation in security level 3 is solely based on the ISO/IEC 14443-4 protocol layer.
The usage of the backwards compatibility protocol is not possible.
In security level 3, a mandatory AES authentication between PICC and reader is
conducted, where two keys are generated as a function of the random numbers from the
PICC and the reader as well as of the shared key.
These two session keys are used to secure the data which is exchanged on the interface
between the card and reader. One of the two keys is used to ensure the confidentiality of
the command and the response while the other key ensures the integrity of the command
and the response.
MIFARE Plus EV1 features the secure messaging from its predecessor MIFARE Plus
EV0 and it offers the possibility to choose the newly introduced EV1 secure messaging.
On First Authenticate, the PCD can use the PCD capability bytes to chose between
MIFARE Plus EV0 and MIFARE Plus EV1 secure messaging.
The reader can decide which security needs to be used in the communication between
PICC and reader. In the simplest case, all commands are secured by a MAC, such
that the PICC will only accept commands from the authenticated reader. Any message
tampering is detected by verifying the MAC. All responses are appended by a MAC to
prove to the reader that neither the command nor the response have been compromised.
If performance is the highest priority, the card can be configured to omit the MAC for read
commands. The card then accepts read commands without knowing whether they are
authentic. However, there is a mechanism to prove to the reader that the read response
is resulting from the unmodified read command that it sent.
Other commands, like write commands, always need to have a MAC appended to ensure
that no memory changes are carried out without proving the authenticity of the command.
The reader can decide for each command whether a MAC is included in the response.
When the appropriate MAC is received, due to linked MACs the reader knows that the
command and commands before it were properly executed.
All commands between two consecutive First Authenticate commands belong to one
transaction and the MACing mechanism assures integrity of the whole transaction.
If the MAC on read responses is omitted, the integrity of all read responses within one
session can still be verified by including a MAC on one read response before issuing the
next First or Following Authenticate command.
To balance performance and confidentiality of the transaction, each data block in a sector
can be configured to allow or disallow sending/receiving plain data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com