Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1941YSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD1941YSTZ
Description  SigmaDSP-TM Multichannel 28-Bit Audio Processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941YSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1941YSTZ Datasheet HTML 15Page - Analog Devices AD1941YSTZ Datasheet HTML 16Page - Analog Devices AD1941YSTZ Datasheet HTML 17Page - Analog Devices AD1941YSTZ Datasheet HTML 18Page - Analog Devices AD1941YSTZ Datasheet HTML 19Page - Analog Devices AD1941YSTZ Datasheet HTML 20Page - Analog Devices AD1941YSTZ Datasheet HTML 21Page - Analog Devices AD1941YSTZ Datasheet HTML 22Page - Analog Devices AD1941YSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Preliminary Technical Data
AD1941
Rev. PrE | Page 19 of 32
TIME (ms)
1
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1
010
520
15
30
25
35
Figure 14. Slew RAM—Constant dB Update Plot
TIME (ms)
1
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1
010
20
30
Figure 15. Slew RAM—RC-Type Update Plot
TIME (ms)
1
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1
010
20
30
Figure 16 Slew RAM—Constant Time Update Plot, Full Scale
TIME (ms)
1
0.8
0.6
0.4
0.2
0
–0.6
–0.4
–0.2
–0.8
–1
010
20
30
Figure 17 Slew RAM—Constant Time Update Plot, Half Scale
Constant Time Update Math
Constant time math is accomplished by adding a step value that
is calculated after each new target is loaded. The equation for
this step size is
Step
= (Target Data − Slew Data)/(Number of Steps)
Figure 16 shows a plot of the target/slew RAM operating in
constant time mode. For this example, 128 steps are used to
reach the target value. This type of ramping will take a fixed
amount of time for a given number of steps, regardless of the
difference in the initial state and the target value. Figure 17
shows a plot of a constant time ramp from –80 dB to –6 dB
(half scale) using 128 steps. You can see that the ramp takes the
same amount of time as the previous ramp from –80 dB to 0 dB.
SAFELOAD REGISTERS
Many applications require real-time control of signal processing
parameters, such as filter coefficients, mixer gains, multi-
channel virtualizing parameters, or dynamics processing curves.
To prevent instability from occurring, all of the parameters of a
biquad filter must be updated at the same time. Otherwise, the
filter could execute for one or two audio frames with a mix of
old and new coefficients. This mix could cause temporary
instability, leading to transients that could take a long time to
decay. To eliminate this problem, the AD1941 loads a set of
10 registers in the control port (five for 28-bit parameters, and
another five for indirectly addressing the target/slew RAMs)
with the desired parameter or target/slew RAM address and
data. Five registers are used because a biquad filter uses five
coefficients, and it is desirable to be able to do a complete
biquad update in one transaction. The safeload registers can be
used to update either the parameter RAM or target/slew RAM
values. Once these registers are loaded, the appropriate initiate
safe transfer bit (there are separate bits for parameter and
target/slew loads) in the core control register should be set to
initiate the loading into RAM. Program lengths should be
limited to 1,531 cycles (1,536 − 5) to ensure that the SigmaDSP
is able to perform the safeloads. It can be guaranteed that the
safeload will have occurred within one LRCLK period (21 µs at
fs = 48 kHz) of the initiate safe transfer bit being set.
The safeload logic automatically sends only those safeload regis-
ters that have been written to since the last safeload operation.
For example, if only two parameters are to be sent, only two of
the five safeload registers must be written to. When the initiate
safe transfer bit (in the core control register) is asserted, only
those two registers are sent; the other three registers are not sent
to the RAM and can still hold old or invalid data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com