Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5535ABC Datasheet(PDF) 1 Page - Analog Devices

Part # AD5535ABC
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535ABC Datasheet(HTML) 1 Page - Analog Devices

  AD5535ABC Datasheet HTML 1Page - Analog Devices AD5535ABC Datasheet HTML 2Page - Analog Devices AD5535ABC Datasheet HTML 3Page - Analog Devices AD5535ABC Datasheet HTML 4Page - Analog Devices AD5535ABC Datasheet HTML 5Page - Analog Devices AD5535ABC Datasheet HTML 6Page - Analog Devices AD5535ABC Datasheet HTML 7Page - Analog Devices AD5535ABC Datasheet HTML 8Page - Analog Devices AD5535ABC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
32-Channel, 14-Bit DAC with Full-Scale Output
Voltage Programmable from 50 V to 200 V
Preliminary Technical Data
AD5535
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High integration: 32-channel, 14-bit DAC with integrated,
high voltage output amplifier
Guaranteed monotonic
Housed in 15 × 15 mm CSP-BGA package
Full-scale output voltage programmable from 50 V to 200 V
via reference input
700 µA drive capability
Integrated silicon diode for temperature monitoring
DSP-/microcontroller-compatible serial interface
Channel update rate: 1.2 MHz
Asynchronous RESET facility
Temperature range: –10°C to +85°C
APPLICATIONS
Optical micro-electromechanical systems (MEMS)
Optical cross-point switches
Micropositioning applications using Piezo Flextures
Level setting in automotive test and measurement
GENERAL DESCRIPTION
The AD5535 is a 32-channel, 14-bit DAC with an on-chip high
voltage output amplifier. This device is targeted for optical
micro-electromechanical systems. The output voltage range is
programmable via the REFIN pin. Output range is 0 V to 50 V
with REFIN = 1 V and is 0 V to 200 V with REFIN = 4 V. Each
amplifier can source 700 µA, which is ideal for the deflection
and control of optical MEMS mirrors.
The selected DAC register is written to via the 3-wire interface.
The serial interface operates at clock rates of up to 30 MHz and
is compatible with DSP and microcontroller interface standards.
The device is operated with AVCC = 4.75 to 5.25 V, DVCC = 2.7 V
to 5.25 V, V= −4.75 V to −5.25 V, V+ = +4.75 V to +5.25 V, VPP
= 210 V. REF_IN is buffered internally on the AD5535 and
should be driven from a stable reference source.
FUNCTIONAL BLOCK DIAGRAM
RF
R1
RF
R1
RF
R1
RF
R1
INTERFACE
CONTROL
LOGIC
DAC
DAC
DAC
DAC
DVCC
AVCC
SYNC
DIN
SCLK
DGND
AGND
DAC_GND
RESET
REF_IN
VPP
PGND
V
V+
14-BIT BUS
ANODE
CATHODE
VOUT0
VOUT1
VOUT30
VOUT31
AD5535
Figure 1.


Similar Part No. - AD5535ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5535B AD-AD5535B Datasheet
322Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
REV. A
AD5535BKBC AD-AD5535BKBC Datasheet
322Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
REV. A
AD5535BKBCZ AD-AD5535BKBCZ Datasheet
322Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
REV. A
More results

Similar Description - AD5535ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5383 AD-AD5383 Datasheet
1Mb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
5/04-Revision 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5535B AD-AD5535B Datasheet
322Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
REV. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD45335 AD-AD45335_V01 Datasheet
953Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com