Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1CU-RNG1000000000 Datasheet(PDF) 22 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 22 Page - Lumileds Lighting Company

Back Button L1CU-RNG1000000000 Datasheet HTML 18Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 19Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 20Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 21Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 22Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 25Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 26Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
21
Product Bin and Labeling Definitions
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheet. For this reason, Lumileds bins LED components for luminous flux, radiometric power, color point, peak
wavelength, dominant wavelength and forward voltage.
LUXEON CZ Color Line LEDs are labeled using a 4-digit alphanumeric CAT code following the format below:
A B C D
Where:
A
–
designates luminous flux bin or radiometric power bin (luminous flux bin example: A=20 to 25 lumens, B= 25 to
30 lumens; radiometric power bin example: Royal Blue H=480 to 520mW, Violet G=440 to 480mW)
B C –
designates color bin, peak wavelength bin or dominant wavelength bin (peak wavelength bin example: Deep
Red 10=655 to 665nm; dominant wavelength bin example: Red 40=624 to 634nm)
D
–
designates forward voltage bin (example: A=1.70 to 1.90V, B=1.90 to 2.10V)
Therefore, a LUXEON CZ Red LED with a lumen range of 20 to 25 lm, a dominant wavelength of 624 to 634nm and a forward
voltage range of 1.70 to 1.90V has the following CAT code:
A 4 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com